Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3263TMX/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM3263TMX/NOPB
Description  LM3263 High-Current Step-Down DC-DC Converter with MIPI짰 RF Front-End Control Interface for RF Power Amplifiers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3263TMX/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM3263TMX/NOPB Datasheet HTML 2Page - Texas Instruments LM3263TMX/NOPB Datasheet HTML 3Page - Texas Instruments LM3263TMX/NOPB Datasheet HTML 4Page - Texas Instruments LM3263TMX/NOPB Datasheet HTML 5Page - Texas Instruments LM3263TMX/NOPB Datasheet HTML 6Page - Texas Instruments LM3263TMX/NOPB Datasheet HTML 7Page - Texas Instruments LM3263TMX/NOPB Datasheet HTML 8Page - Texas Instruments LM3263TMX/NOPB Datasheet HTML 9Page - Texas Instruments LM3263TMX/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
LM3263
SNVS837 – JUNE 2013
www.ti.com
SYSTEM CHARACTERISTICS
The following spec table entries are specified by design and verifications providing the component values in the Typical
Application Circuit are used (L = 1.5 µH, DCR = 120 m
Ω, TOKO DFE201610MT-1R5N, CIN = 10 µF, 6.3V, 0402, Samsung
CL05A106MP5NUN, COUT = 10 µF + 4.7 µF + 3 x 1.0 µF; 10V, 0402, Samsung CL05A106MP5NUN, CL05A475MPNRN;
6.3V, 0201, TDK, C0603X5R0J105M). These parameters are not verified by production testing. Min and Max values are
specified over the ambient temperature range TA = -30°C to 90°C. Typical values are specified at VBATT = 3.8V (= PVIN =
SVDD = PACB), VIO = 1.8V, SMPS_CFG = 20h, and TA =25°C unless otherwise stated.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Turn-on time (time for output to reach
VBATT = 4.2V, VSET[7:0] =00h to
TON
95% of 3.4V value from the end of the
50
µs
E3h, VSET = 3.4V, IOUT ≤ 1mA
SCLK pulse)
Time for VOUT to rise from 0.09V to 3.4V
VBATT = 3.8V, RLOAD = 68Ω
(3.07V, 90% of delta VOUT from the end of VSET[7:0] = 06h to E3h
SCLK pulse)
SMPS_CFG[5] = 0b/1b
15
Time for VOUT to fall from 3.4V to 0.09V
VBATT = 3.8V, RLOAD = 68Ω
(0.42V, 10% of delta VOUT from the end of VSET[7:0] = E3h to 06h
SCLK pulse)
SMPS_CFG[5] = 0b/1b
Time for VOUT to rise from 0.8V to 3.3V
VBATT = 3.8V, RLOAD = 20Ω
(3.05V, 90% of delta VOUT from the end of
7.4
VSET[7:0] =36h to DCh
SCLK pulse)
12
Time for VOUT to fall from 3.3V to 0.8V
VBATT = 3.8V, RLOAD = 20Ω
(1.05V, 10% of delta VOUT from the end of
6.8
VSET[7:0] = DCh to 36h
SCLK pulse)
TRESPONSE
µs
Time for VOUT to rise from 1.4V to 3.4V
VBATT = 3.8V, RLOAD = 6.8Ω
(3.2V, 90% of delta VOUT from the end of
VSET[7:0] = 5Eh to E3h
SCLK pulse)
10
Time for VOUT to fall from 3.4V to 1.4V
VBATT = 3.8V, RLOAD = 6.8Ω
(1.6V, 10% of delta VOUT from the end of
VSET[7:0] = E3h to 5Eh
SCLK pulse)
Time for VOUT to rise from 1.8V to 2.8V
VBATT = 3.8V, RLOAD = 2.2Ω
(2.7V, 90% of delta VOUT from the end of
VSET[7:0] = 78h to BBh
SCLK pulse)
SMPS_CFG[5] = 0b
15
Time for VOUT to fall from 2.8V to 1.8V
VBATT = 3.8V, RLOAD = 2.2Ω
(1.9V, 10% of delta VOUT from the end of
VSET[7:0] = BBh to 78h
SCLK pulse)
SMPS_CFG[5] = 0b
Time for VSET to rise from 0.09V to PVIN VBATT = 3.6V, IOUT ≤ 1mA,
TBypass
20
µs
after BYPASS transition (90%)
VSET[7:0] = 06h to FFh
VSET[7:0] = FAh, Max value at VBATT
Rtot-drop
Total dropout resistance in bypass mode
45
55
m
Ω
= 3.1V, Inductor DCR
≤ 151 mΩ
IOUT
Maximum load current in PWM mode
Switcher + ACB
2.5
Maximum output transient pull-up current
IOUT, PU
3.0
limit
A
Switcher + ACB(1)
PWM maximum output transient pull-
IOUT, PD, PWM
−3.0
down current limit
Maximum output load current in PFM
IOUT, MAX_PFM
VBATT = 3.8V, VSET = 3.2V
60
mA
mode
VBATT = 3.9V
(2), Monotonic in nature;
−3.0
+3.0
%
Linearity in control range of VSET = 0.4V
Linearity
VSET[7:0] = 1Bh to F0h,
to 3.6V
−50
+50
mV
SMPS_CFG[5] = 0b
(1)
Current limit is built-in, fixed, and not adjustable.
(2)
Linearity limits are ±3% or ±50 mV whichever is larger.
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LM3263



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com