Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RNA53A27F Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RNA53A27F
Description  System Organizer IC for Dedicate Microcomputer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RNA53A27F Datasheet(HTML) 4 Page - Renesas Technology Corp

  RNA53A27F Datasheet HTML 1Page - Renesas Technology Corp RNA53A27F Datasheet HTML 2Page - Renesas Technology Corp RNA53A27F Datasheet HTML 3Page - Renesas Technology Corp RNA53A27F Datasheet HTML 4Page - Renesas Technology Corp RNA53A27F Datasheet HTML 5Page - Renesas Technology Corp RNA53A27F Datasheet HTML 6Page - Renesas Technology Corp RNA53A27F Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
RNA53A27F
Target Specification
R03DS0022EJ0300 Rev.3.00
Page 4 of 6
Jun 26, 2013
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Supply voltage
VDD
6.5
V
Output voltage (open-drain type)
Vout
–0.3 to +6.5
V
Input voltage
Vin
–0.3 to VDD
V
Output current
Iout
10
mA
Standard voltage terminal source current
IREF
5
mA
Continuous power dissipation
Pd
160 (Ta = 25°C)
mW
Operating temperature
Topr
–40 to +85
°C
Storage temperature
Tstg
–55 to +125
°C
Electrical Characteristics
(Vdd = 3.3 V, Ta = 25°C, unless otherwise noted)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Output fixation
voltage
VOUL
—
—
0.9
V
VOUT terminal, RL = 10 (kΩ)
Operating limit
voltage
VOPM
2.7
—
—
V
Current consumption
Idd
—
100
200
μA
Vdd = 3.3 V,
SLP = Hi (Vdd)
Standing circuit
current
IddSLP
—
2.8
5.6
μA
SLP = Low (GND), MR = Hi (Vdd),
S0 = Hi (Vdd)
Detecting voltage
VS
2.718
2.745
2.772
V
Detecting voltage
temperature
coefficient
Vs/
ΔT
—
±100
—
ppm/°C
Hysteresis voltage
VHYS
VS
×0.03
VS
×0.05
VS
×0.08
V
Standard voltage
VREF
3.026
3.050
3.074
V
Vdd
≥ 3.3 V, Isource = 0 to 3 mA,
CL = 0.1
μF
Standard voltage
temperature
coefficient
VREF/
ΔT
—
±100
—
ppm/°C
Standard voltage
return time
VRCV
—
—
0.9
×td
ms
Output low voltage
VOL
—
0.3
0.54
V
VOUT, Isink = 4 mA, Vdd = 2.6 (V)
Output leakage
current
ILK
—
—
100
nA
VOUT, Vdd = 3.6 V
Minimum pulse width
tpw
3
—
—
μs
MR terminal input
Delay time
td
35
50
65
ms
S0 = Low
70
100
130
ms
S0 = High
Reactive time
tPHL
—
6
—
μs
VDD drop to time until outputting
VOUT
MR input to time until outputting VOUT
High input voltage
VIH
Vdd
×0.8
—
Vdd
V
MR terminal, SLP terminal, S0 terminal,
Vdd = 3.0 V to 3.6 V
Low input voltage
VIL
0
—
Vdd
×0.2
V
MR terminal, SLP terminal, S0 terminal,
Vdd = 3.0 V to 3.6 V
S0 terminal pull-up
current
IPUS0
—
—
0.5
μA
S0 terminal
MR terminal pull-up
current
IPUMR
1.5
3
6
μA
MR terminal
SLP terminal pull-
down current
IPDSLP
—
—
0.5
μA
SLP terminal



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com