Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RNA53A27F Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RNA53A27F
Description  System Organizer IC for Dedicate Microcomputer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RNA53A27F Datasheet(HTML) 3 Page - Renesas Technology Corp

  RNA53A27F Datasheet HTML 1Page - Renesas Technology Corp RNA53A27F Datasheet HTML 2Page - Renesas Technology Corp RNA53A27F Datasheet HTML 3Page - Renesas Technology Corp RNA53A27F Datasheet HTML 4Page - Renesas Technology Corp RNA53A27F Datasheet HTML 5Page - Renesas Technology Corp RNA53A27F Datasheet HTML 6Page - Renesas Technology Corp RNA53A27F Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
RNA53A27F
Target Specification
R03DS0022EJ0300 Rev.3.00
Page 3 of 6
Jun 26, 2013
Pin Arrangement
1
ROSC
SLP
MR
4
3
2
S0
VOUT
VREFO
VDD
GND
8
7
(Top view)
6
5
Mark Indication
(1) (2) (3)
N 0 2
(1)
Year code
The last digit of year
(2)
Month code
Starting in January "A", "B", "C", "D", "E", "F", "G", "H", "J", "K", "L", "M"
(3)
Week code
View week of month, 1 week
→ "1"
Pin Description
Pin No.
Terminal
Marking
Terminal Name
I/O
Function
1
ROSC
Oscillation control resistance
installation terminal
—
• 1.1 MΩ is installed between GND usually.
• Delay adjustment range of resistance: 650(kΩ) to 1.35(MΩ)
2
SLP
Sleep mode control
I
• L: Sleep mode (Power-supply current becomes several μA)
• H: Usually mode
• Terminal is open, Pull-down in GND
3
MR
Manual reset input
I
• Low is input, 5pin(VOUT) output the low level
Set the low pulse width by value is longer 3
μs
• Terminal open, pull-up in VDD
4
GND
GND
—
• Sorcing 0 V.
5
VOUT
Reset output
O
• Power-supply voltage reaches the value below the detection
voltage, low is output
• Low level is input to MR terminal, low is output
• Open drain output
• Range pull-up resistance: 10(kΩ) to 100(kΩ)
6
VREFO
Standard voltage output
O
• Standard voltage (3.05 V typ) for AD/DA is output
• Outside puts capacity (0.1 μF) by pursuant for microcomputer
7
VDD
Power-supply terminal
—
• Sorcing power-supply voltage.
8
S0
Delay time switch
I
• Delay time is switched. Low: 50 (ms), High: 100 (ms)
• Terminal is open, pull-up in Vdd



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com