Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RNA53A27F Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # RNA53A27F
Description  System Organizer IC for Dedicate Microcomputer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RNA53A27F Datasheet(HTML) 5 Page - Renesas Technology Corp

  RNA53A27F Datasheet HTML 1Page - Renesas Technology Corp RNA53A27F Datasheet HTML 2Page - Renesas Technology Corp RNA53A27F Datasheet HTML 3Page - Renesas Technology Corp RNA53A27F Datasheet HTML 4Page - Renesas Technology Corp RNA53A27F Datasheet HTML 5Page - Renesas Technology Corp RNA53A27F Datasheet HTML 6Page - Renesas Technology Corp RNA53A27F Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
RNA53A27F
Target Specification
R03DS0022EJ0300 Rev.3.00
Page 5 of 6
Jun 26, 2013
Example of Application Circuit
Interrupt
signal
VDD
ROSC
Reset signal from another
system, and manual reset
(1)
EX-NOR
R8
S0
GND
Such tWL1 > tWL2, (1) recommend set a longer pulse width.
Low pulse between two is recommended set to overlap.
VREFO
VOUT
MR
SLP
R9
Vdd
Vdd
Microcomputer
IRQ#
RES#
VREFH
WDTOVF#
VREFL (GND)
Reset signal output to
external systems
[Application Example1]
Interrupt
signal
VDD
ROSC
R8
S0
GND
VREFO
VOUT
MR
SLP
R9
Vdd
Vdd
Microcomputer
IRQ#
RES#
VREFH
VREFL (GND)
Reset signal output to
external systems
[Application Example2]
tWL1
tWL2
(1)
(3)
(2)
Reset signal from another
system, and manual reset
0.1
μF
0.1
μF
21
38
4
6
5
7
+
–
R1
R2
I1
Vref
R4
50 ms
100 ms
R3
Comp1
+
–
OP1
I2
I3
Delay
circuit
Oscillator
R
R
72
1
38
4
6
5
+
–
R1
R2
I1
Vref
R4
50 ms
100 ms
R3
Comp1
+
–
OP1
I2
I3
Delay
circuit
Oscillator
R
R



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com