Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T3035H Datasheet(PDF) 3 Page - STMicroelectronics

Part # T3035H
Description  Snubberless high temperature 30 A Triacs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T3035H Datasheet(HTML) 3 Page - STMicroelectronics

  T3035H Datasheet HTML 1Page - STMicroelectronics T3035H Datasheet HTML 2Page - STMicroelectronics T3035H Datasheet HTML 3Page - STMicroelectronics T3035H Datasheet HTML 4Page - STMicroelectronics T3035H Datasheet HTML 5Page - STMicroelectronics T3035H Datasheet HTML 6Page - STMicroelectronics T3035H Datasheet HTML 7Page - STMicroelectronics T3035H Datasheet HTML 8Page - STMicroelectronics T3035H Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
T3035H T3050H
Characteristics
Doc ID 17029 Rev 4
3/9
Table 4.
Static characteristics
Symbol
Test conditions
Value
Unit
VTM
(1)
ITM = 42 A
tp = 380 µs
Tj = 25 °C
MAX.
1.55
V
Vto
(1)
Threshold voltage
Tj = 150 °C
MAX.
0.85
V
Rd
(1)
Dynamic resistance
Tj = 150 °C
MAX.
15
m
Ω
IDRM
IRRM
VDRM = VRRM
Tj = 25 °C
MAX.
10
µA
Tj = 150 °C
8.5
mA
VD/VR = 400V (at peak mains voltage)
Tj = 150 °C
MAX.
7
VD/VR = 200V (at peak mains voltage)
Tj = 150 °C
5.5
1.
for both polarities of A2 referenced to A1.
Table 5.
Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case (AC)
TO-220AB
0.8
°C/W
TO-220AB Insul
1.6
Rth(j-a)
Junction to ambient
TO-220AB / TO-220AB Insul
60
°C/W
Figure 1.
Maximum power dissipation versus
rms on-state current
(full cycle 180°)
Figure 2.
On-state rms current vs case
temperature
0
5
10
15
20
25
30
35
40
05
10
15
20
25
30
P(W)
I
(A)
T(RMS)
I
(A)
T(RMS)
0
5
10
15
20
25
30
35
0
25
50
75
100
125
150
T (°C)
C
TO-220AB- ins
TO-220AB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com