Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T3035H Datasheet(PDF) 1 Page - STMicroelectronics

Part # T3035H
Description  Snubberless high temperature 30 A Triacs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T3035H Datasheet(HTML) 1 Page - STMicroelectronics

  T3035H Datasheet HTML 1Page - STMicroelectronics T3035H Datasheet HTML 2Page - STMicroelectronics T3035H Datasheet HTML 3Page - STMicroelectronics T3035H Datasheet HTML 4Page - STMicroelectronics T3035H Datasheet HTML 5Page - STMicroelectronics T3035H Datasheet HTML 6Page - STMicroelectronics T3035H Datasheet HTML 7Page - STMicroelectronics T3035H Datasheet HTML 8Page - STMicroelectronics T3035H Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
September 2011
Doc ID 17029 Rev 4
1/9
9
T3035H, T3050H
Snubberless™ high temperature 30 A Triacs
Features
■ High current Triac
■ High immunity level
■ Low thermal resistance with clip bounding
■ RoHS (2002/95/EC) compliant package
■ Very high commutation (3Q) at 150 °C
capability
■ UL certified (ref. file E81734)
Applications
Thanks to its high electrical noise immunity level
and its strong current robustness, the T30xxH
series is designed for the control of AC actuators
in appliances and industrial systems.
Description
Specifically designed to operate at 150 °C, the
new 30 A T30xxH Triacs provide very high
dynamic performance and enhanced
performance in terms of power loss and thermal
dissipation. This allows optimizing the heatsink
size, leading to space and cost effectiveness
when compared to electro-mechanical solutions.
Based on ST Snubberless™ technology, they
offer a specified minimal commutation and high
noise immunity levels valid up to the Tj max.
The T30xxH series optimize safely the control of
universal motors and of inductive loads found in
power tools and major appliances.
By using an internal ceramic pad, the T30xxH-6I
provides voltage insulation (rated at 2500 V rms).
TM: Snubberless is a trademark of STMicroelectronics
Table 1.
Device summary
Symbol
Value
IT(rms)
30 A
VDRM/VRRM
600 V
IGT
35 or 50 mA
G
A2
A2
A1
G
A2
A1
A2
A1
G
TO-220AB
(T30xxH-6T)
TO-220AB insulated
(T30xxH-6l)
www.st.com


Similar Part No. - T3035H

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
T3035H-6G ISC-T3035H-6G Datasheet
436Kb / 2P
isc Thyristor
T3035H-8G ISC-T3035H-8G Datasheet
170Kb / 1P
isc Thyristors
logo
STMicroelectronics
T3035H-8I STMICROELECTRONICS-T3035H-8I Datasheet
266Kb / 11P
30 A - 800 V - 150 °C 8H Triac in TO-220AB insulated
21-Dec-2020
logo
Inchange Semiconductor ...
T3035H-8I ISC-T3035H-8I Datasheet
400Kb / 3P
isc Thyristor
logo
STMicroelectronics
T3035H-8T STMICROELECTRONICS-T3035H-8T Datasheet
263Kb / 11P
30 A - 800 V - 150 °C 8H Triac in TO-220AB
21-Dec-2020
More results

Similar Description - T3035H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA08AW STMICROELECTRONICS-BTA08AW Datasheet
184Kb / 4P
SNUBBERLESS TRIACS
Feb-1989
BTA08BW STMICROELECTRONICS-BTA08BW Datasheet
185Kb / 4P
SNUBBERLESS TRIACS
Feb-1989
T2550H STMICROELECTRONICS-T2550H Datasheet
108Kb / 8P
Snubberless high temperature 25 A Triacs
20-Jun-2006
T1635H STMICROELECTRONICS-T1635H Datasheet
123Kb / 10P
Snubberless TM high temperature 16 A Triacs
31-Aug-2006
T2035H STMICROELECTRONICS-T2035H Datasheet
136Kb / 10P
Snubberless??high temperature 20 A Triacs
13-Jul-2006
T2035H STMICROELECTRONICS-T2035H_07 Datasheet
137Kb / 10P
High temperature 20 A Snubberless??TRIACs
15-Nov-2007
T1635H6T STMICROELECTRONICS-T1635H6T Datasheet
138Kb / 10P
High temperature 16 A Snubberless™Triacs
20-Sep-2011
T3050H-6I STMICROELECTRONICS-T3050H-6I Datasheet
127Kb / 9P
Snubberless™high temperature 30 A Triacs
20-Sep-2011
logo
Kersemi Electronic Co.,...
BTA20-700BW KERSEMI-BTA20-700BW Datasheet
1Mb / 5P
SNUBBERLESS TRIACS
logo
STMicroelectronics
T1235H STMICROELECTRONICS-T1235H_V01 Datasheet
136Kb / 10P
High temperature 12 A Snubberless™ Triacs
20-Sep-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com