Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T3035H Datasheet(PDF) 5 Page - STMicroelectronics

Part # T3035H
Description  Snubberless high temperature 30 A Triacs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T3035H Datasheet(HTML) 5 Page - STMicroelectronics

  T3035H Datasheet HTML 1Page - STMicroelectronics T3035H Datasheet HTML 2Page - STMicroelectronics T3035H Datasheet HTML 3Page - STMicroelectronics T3035H Datasheet HTML 4Page - STMicroelectronics T3035H Datasheet HTML 5Page - STMicroelectronics T3035H Datasheet HTML 6Page - STMicroelectronics T3035H Datasheet HTML 7Page - STMicroelectronics T3035H Datasheet HTML 8Page - STMicroelectronics T3035H Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
T3035H T3050H
Characteristics
Doc ID 17029 Rev 4
5/9
Figure 13.
Acceptable junction to ambient thermal resistance vs repetitive peak off-state voltage
and ambient temperature
Figure 9.
On state characteristics
(maximum values)
Figure 10.
Relative variation of critical rate of
decrease of main current vs
junction temeprature
I (A)
TM
1
10
100
1000
01
23
1
10
100
1000
01
23
45
T max:
V = 0.85 V
R = 15 m
J
to
d
Ω
V (V)
TM
T = 150 °C
j
T = 25 °C
j
0
1
2
3
4
5
6
7
8
9
10
11
25
50
75
100
125
150
T (°C)
j
(dI/dt) [T ]/(dI/dt) [T = 150 °C]
Cj
Cj
Figure 11.
Relative variation of static dV/dt
immunity vs junction temperature
Figure 12.
Relative variation of leakage
current vs junction temperature for
different values of blocking voltage
0
1
2
3
4
5
6
7
8
9
10
11
25
50
75
100
125
150
dV/dt[T ]/dV/dt[T = 150 °C]
jj
V = V = 400 V
DR
T (°C)
j
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
25
50
75
100
125
150
T (°C)
j
I/I[T ;V/V]/I
/I
DRM RRM
j
DRM
RRM
DRM RRM
[T = 150 °C; 600 V]
j
V
= V
= 200 V
DRM
RRM
V
= V
= 400 V
DRM
RRM
V
= V
= 600 V
DRM
RRM
R
(°C/W)
th(j-a)
0
5
10
15
20
25
30
35
40
45
50
55
60
65
20
30
40
50
60
70
80
90
100
110
120
130
140
Ta(°C)
voltage and ambient temperature
V= V= 600 V
DRM
RRM
V
= V
= 200 V
DRM
RRM
V
= V
= 400 V
DRM
RRM



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com