Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7570TR Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST7570TR
Description  S-FSK power line networking system-on-chip
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7570TR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST7570TR Datasheet HTML 8Page - STMicroelectronics ST7570TR Datasheet HTML 9Page - STMicroelectronics ST7570TR Datasheet HTML 10Page - STMicroelectronics ST7570TR Datasheet HTML 11Page - STMicroelectronics ST7570TR Datasheet HTML 12Page - STMicroelectronics ST7570TR Datasheet HTML 13Page - STMicroelectronics ST7570TR Datasheet HTML 14Page - STMicroelectronics ST7570TR Datasheet HTML 15Page - STMicroelectronics ST7570TR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
Electrical characteristics
ST7570
12/26
Doc ID 17526 Rev 2
Figure 4.
Power amplifier test circuit
RPULL-UP
Internal pull-up resistors
VDDIO = 3.3 V
66
k
Ω
VDDIO = 5 V
41
k
Ω
VIH
High logic level input voltage
0.65*V
DDIO
VDDIO
+0.3
V
VIL
Low logic level input voltage
-0.3
0.35*V
DDIO
V
VOH
High logic level output voltage
IOH= -4 mA
VDDIO
-0.4
V
VOL
Low logic level output voltage
IOL= 4 mA
0.4
V
UART interface
Baud rate
-1.5%
57600
+1.5%
BAU
D
-1.5%
38400
+1.5%
BAU
D
-1.5%
19200
+1.5%
BAU
D
-1.5%
9600
+1.5%
BAU
D
Reset and power on
tRESETN
Minimum valid reset pulse duration
1
µs
tSTARTUP
Start-up time at power on or after a
reset event
60
ms
1.
Referred to TA = -40 °C
2.
This parameter does not include the tolerance of external components
3.
Guaranteed by design
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Note
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com