Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7570TR Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST7570TR
Description  S-FSK power line networking system-on-chip
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7570TR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST7570TR Datasheet HTML 9Page - STMicroelectronics ST7570TR Datasheet HTML 10Page - STMicroelectronics ST7570TR Datasheet HTML 11Page - STMicroelectronics ST7570TR Datasheet HTML 12Page - STMicroelectronics ST7570TR Datasheet HTML 13Page - STMicroelectronics ST7570TR Datasheet HTML 14Page - STMicroelectronics ST7570TR Datasheet HTML 15Page - STMicroelectronics ST7570TR Datasheet HTML 16Page - STMicroelectronics ST7570TR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
ST7570
Analog front end (AFE)
Doc ID 17526 Rev 2
13/26
5
Analog front end (AFE)
5.1
Reception path
Figure 4 shows the block diagram of the ST7570 input receiving path. The main blocks are a
wide input range analog programmable gain amplifier (PGA) and the analog to digital
converter (ADC).
Figure 5.
reception path block diagram
The PGA is controlled by an embedded loop algorithm, adapting the PGA gain to amplify or
attenuate the input signal according to the input voltage range for the ADC.
The PGA gain ranges from -18 dB up to 30 dB, with steps of 6 dB (typ.), as described in
Table 5.
5.2
Transmission path
Figure 5 shows the transmission path block diagram. it is mainly based on a digital to analog
converter (DAC), capable to generate a linear signal up to its full scale output. A gain control
block before the DAC gives the possibility to scale down the output signal to match the
desired transmission level.
Table 6.
PGA gain table
PGA code
PGA gain (typ) [dB]
RX_IN max range [V p-p]
0-18
16
1-12
8
2-6
4
302
461
5
12
0.500
6
18
0.250
7
24
0.125
8
30
0.0625



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com