Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7570TR Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST7570TR
Description  S-FSK power line networking system-on-chip
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7570TR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST7570TR Datasheet HTML 10Page - STMicroelectronics ST7570TR Datasheet HTML 11Page - STMicroelectronics ST7570TR Datasheet HTML 12Page - STMicroelectronics ST7570TR Datasheet HTML 13Page - STMicroelectronics ST7570TR Datasheet HTML 14Page - STMicroelectronics ST7570TR Datasheet HTML 15Page - STMicroelectronics ST7570TR Datasheet HTML 16Page - STMicroelectronics ST7570TR Datasheet HTML 17Page - STMicroelectronics ST7570TR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
Analog front end (AFE)
ST7570
14/26
Doc ID 17526 Rev 2
Figure 6.
Transmission path block diagram
The amplitude of the transmitted signal can be set on a 32-step logarithmic scale through
the TX_GAIN parameter, introducing an attenuation ranging from 0 dB (typ.), corresponding
to the TX_OUT full range, down to -31 dB (typ.).
The attenuation set by the TX_GAIN parameter can be calculated using the formula of
Equation 1:
Equation 1 Output attenuation A [dB] vs. TX GAIN
5.3
Power amplifier
The integrated power amplifier is characterized by very high linearity, required to be
compliant with the different international regulations (CENELEC, FCC etc.) limiting the
spurious conducted emissions on the mains, and a current capability of 1 A rms that allows
the amplifier driving even very low impedance points of the network.
All the pins of the power amplifier are accessible, making it possible to build an active filter
network to increase the linearity of the output signal.
AdB
[]
TX_GAIN
31
–
() TX_GAIN
TOL
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com