Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG719CTR Datasheet(PDF) 2 Page - STMicroelectronics

Part # STG719CTR
Description  LOW VOLTAGE 4Ω SPDT SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG719CTR Datasheet(HTML) 2 Page - STMicroelectronics

  STG719CTR Datasheet HTML 1Page - STMicroelectronics STG719CTR Datasheet HTML 2Page - STMicroelectronics STG719CTR Datasheet HTML 3Page - STMicroelectronics STG719CTR Datasheet HTML 4Page - STMicroelectronics STG719CTR Datasheet HTML 5Page - STMicroelectronics STG719CTR Datasheet HTML 6Page - STMicroelectronics STG719CTR Datasheet HTML 7Page - STMicroelectronics STG719CTR Datasheet HTML 8Page - STMicroelectronics STG719CTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
STG719
2/10
Figure 2: Input Equivalent Circuit
Table 2: Pin Description
TRUTH TABLE
Table 3: Absolute Maximum Ratings
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied
Table 4: Recommended Operating Conditions
1) Truth Table guaranteed: 1.2V to 6V
2) VIN from 30% to 70% of VCC
PIN N°
SYMBOL
NAME AND FUNCTION
1
IN
Control
4, 6
S1, S2
Independent Channel
5
D
Common Channel
2
VCC
Positive Supply Voltage
3
GND
Ground (0V)
IN
SWITCH S1
SWITCH S2
LON
OFF
HOFF
ON
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to +7.0
V
VI
DC Input Voltage
-0.5 to VCC + 0.5
V
VIC
DC Control Input Voltage
-0.5 to VCC + 0.5
V
VO
DC Output Voltage
-0.5 to VCC + 0.5
V
IIK
DC Input Diode Current
± 20
mA
IOK
DC Output Diode Current
± 20
mA
IO
DC Output Current
± 50
mA
ICC or IGND DC VCC or Ground Current
± 50
mA
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
300
°C
Symbol
Parameter
Value
Unit
VCC
Supply Voltage (note 1)
1.8 to 5.5
V
VI
Input Voltage
0 to VCC
V
VIC
Control Input Voltage
0 to VCC
V
VO
Output Voltage
0 to VCC
V
Top
Operating Temperature
-55 to 125
°C
dt/dv
Input Rise and Fall Time on control pin (note 2)
0 to 10
ns/V
dt/dv
Input Rise and Fall Time on I/O pins
0 to DC
ns/V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com