Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG719CTR Datasheet(PDF) 3 Page - STMicroelectronics

Part # STG719CTR
Description  LOW VOLTAGE 4Ω SPDT SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG719CTR Datasheet(HTML) 3 Page - STMicroelectronics

  STG719CTR Datasheet HTML 1Page - STMicroelectronics STG719CTR Datasheet HTML 2Page - STMicroelectronics STG719CTR Datasheet HTML 3Page - STMicroelectronics STG719CTR Datasheet HTML 4Page - STMicroelectronics STG719CTR Datasheet HTML 5Page - STMicroelectronics STG719CTR Datasheet HTML 6Page - STMicroelectronics STG719CTR Datasheet HTML 7Page - STMicroelectronics STG719CTR Datasheet HTML 8Page - STMicroelectronics STG719CTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
STG719
3/10
Table 5: DC Specifications
(*) Voltage range is 3.3V
± 0.3V
(**) Voltage range is 5V
± 0.5V
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VIHC
High Level Control
Input Voltage
3.3(*)
2.0
2.0
2.0
V
5.0(**)
2.4
2.4
2.4
VILC
Low Level Control
Input Voltage
3.3(*)
0.4
0.4
0.4
V
5.0(**)
0.8
0.8
0.8
RON
ON Resistance
3.3(*)
VS = 0 to VCC
IS = 10mA
67
10
12
Ω
5.0(**)
45
6
∆R
ON
ON Resistance
3.3(*)
VS = 0 to VCC
IS = 10mA
0.1
0.4
Ω
5.0(**)
0.1
0.4
RFLATON ON Resistance
fLATNESS
3.3(*)
VS = 0 to VCC
IS = 10mA
2.5
Ω
5.0(**)
0.75
ISOFF
Source OFF
Leakage
3.3(*)
VS =1V or VCC
VDD = VCC or 1V
VIN = VCC or GND
±0.01 ±0.25
± 0.35
± 3.5
nA
5.0(**)
±0.01 ±0.25
± 0.35
± 3.5
ISON
Channel ON
Leakage
3.3(*) VS=VD=1V to VCC-2.5V
VIN = VIHC
±0.01 ±0.25
± 0.35
± 3.5
nA
5.0(**)
±0.01 ±0.25
± 0.35
± 3.5
IIN
Control Input
Leakage Current
3.3(*)
VI = VIH or VIL
0.005
±0.1
±1
µA
5.0(**)
0.005
±0.1
±1
ICC
Quiescent Supply
Current
3.3(*)
VI = VCC or GND
0.001
1
1
2
µA
5.0(**)
0.001
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com