Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG719CTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STG719CTR
Description  LOW VOLTAGE 4Ω SPDT SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG719CTR Datasheet(HTML) 1 Page - STMicroelectronics

  STG719CTR Datasheet HTML 1Page - STMicroelectronics STG719CTR Datasheet HTML 2Page - STMicroelectronics STG719CTR Datasheet HTML 3Page - STMicroelectronics STG719CTR Datasheet HTML 4Page - STMicroelectronics STG719CTR Datasheet HTML 5Page - STMicroelectronics STG719CTR Datasheet HTML 6Page - STMicroelectronics STG719CTR Datasheet HTML 7Page - STMicroelectronics STG719CTR Datasheet HTML 8Page - STMicroelectronics STG719CTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
November 2004
s
HIGH SPEED:
tPD = 0.3ns (TYP.) at VCC = 5V
tPD = 0.4ns (TYP.) at VCC = 3.3V
s
LOW POWER DISSIPATION:
ICC = 1µA(MAX.) at TA=25°C
s
LOW "ON" RESISTANCE:
RON = 4Ω (MAX. TA=25°C) AT VCC = 5V
RON = 6Ω (TYP.) AT VCC = 3V
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 1.8V TO 5.5V SINGLE SUPPLY
DESCRIPTION
The STG719 is an high-speed S.P.D.T. (Single
Pole Double Throw) SWITCH fabricated in silicon
gate C2MOS technology. It designed to operate
from 1.8V to 5.5V, making this device ideal for
portable applications, audio signal routing, video
switching, mobile and communication systems.
It offers 4
Ω ON-Resistance Max at 5V 25°C and
very low ON-Resistance Flatness. Additional key
features are fast switching speed (tON=7ns,
tOFF=4.5ns), Break Before Make Delay Time and
Low Power Consumption.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge, giving
them ESD immunity and transient excess voltage.
It’s available in the commercial and extended
temperature range.
STG719
LOW VOLTAGE 4
Ω SPDT SWITCH
Figure 1: Pin Connection And IEC Logic Symbols
Table 1: Order Codes
PACKAGE
T & R
SOT23-6L
STG719STR
SOT23-6L
Rev. 8


Similar Part No. - STG719CTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG719 STMICROELECTRONICS-STG719 Datasheet
60Kb / 7P
LOW VOLTAGE 4ohm SPDT SWITCH
Jun-2000
STG719 STMICROELECTRONICS-STG719 Datasheet
201Kb / 10P
LOW VOLTAGE 4廓 SPDT SWITCH
25-Nov-2004
STG719FTR STMICROELECTRONICS-STG719FTR Datasheet
60Kb / 7P
LOW VOLTAGE 4ohm SPDT SWITCH
Jun-2000
STG719STR STMICROELECTRONICS-STG719STR Datasheet
201Kb / 10P
LOW VOLTAGE 4廓 SPDT SWITCH
25-Nov-2004
STG719STR.. STMICROELECTRONICS-STG719STR.. Datasheet
201Kb / 10P
LOW VOLTAGE 4廓 SPDT SWITCH
25-Nov-2004
More results

Similar Description - STG719CTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG719 STMICROELECTRONICS-STG719 Datasheet
60Kb / 7P
LOW VOLTAGE 4ohm SPDT SWITCH
Jun-2000
logo
Vishay Siliconix
DG9431 VISHAY-DG9431_08 Datasheet
110Kb / 8P
Low-Voltage Single SPDT Analog Switch
14-May-07
logo
Maxim Integrated Produc...
MAX4644 MAXIM-MAX4644_11 Datasheet
113Kb / 10P
High-Speed, Low-Voltage, 4Ω, SPDT CMOS Analog Switch
Rev 1; 1/11
logo
Global Mixed-mode Techn...
G3201 GMT-G3201 Datasheet
165Kb / 1P
Low-Voltage SPDT Analog Switch
logo
Union Semiconductor, In...
UM3157 UNIONSEMI-UM3157 Datasheet
350Kb / 8P
Low-Voltage SPDT Analog Switch
UM3156 UNIONSEMI-UM3156 Datasheet
390Kb / 9P
Low-Voltage SPDT Analog Switch
UM3156 UNIONSEMI-UM3156_14 Datasheet
273Kb / 9P
Low-Voltage SPDT Analog Switch
UM3157 UNIONSEMI-UM3157_14 Datasheet
270Kb / 8P
Low-Voltage SPDT Analog Switch
logo
ON Semiconductor
FSA4157 ONSEMI-FSA4157 Datasheet
376Kb / 13P
Low-Voltage, SPDT Analog Switch
March 2014 Rev. 1.1.1
FSA5157 ONSEMI-FSA5157 Datasheet
502Kb / 14P
Low-Voltage SPDT Analog Switch
February 2008 Rev. 1.0.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com