Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7391PDUTR Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7391PDUTR
Description  32 W bridge car radio amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7391PDUTR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7391PDUTR Datasheet HTML 2Page - STMicroelectronics TDA7391PDUTR Datasheet HTML 3Page - STMicroelectronics TDA7391PDUTR Datasheet HTML 4Page - STMicroelectronics TDA7391PDUTR Datasheet HTML 5Page - STMicroelectronics TDA7391PDUTR Datasheet HTML 6Page - STMicroelectronics TDA7391PDUTR Datasheet HTML 7Page - STMicroelectronics TDA7391PDUTR Datasheet HTML 8Page - STMicroelectronics TDA7391PDUTR Datasheet HTML 9Page - STMicroelectronics TDA7391PDUTR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Electrical specifications
TDA7391PD
6/12
Doc ID 6326 Rev 4
3.4
Electrical characteristics curves
PO
Output power
d = 10 %
20
26
-
W
d = 1 %
-
21
-
W
d = 10 %; RL = 3.2 Ω
-32-
W
PO EIAJ
EIAJ output power (*)
VS = 13.7 V
-
40
-
W
d
Distortion
-
-
0.06
-
%
PO = 0.1 to 15 W
-
0.03
-
%
GV
Voltage gain
-
29.5
30
30.5
dB
fH
High frequency rolloff
PO = 1 W; -3 dB
75
-
-
kHz
RIN
Input Impedance
Differential
36
60
-
k
Ω
Single Ended
30
55
-
k
Ω
EIN
Input noise voltage
Rg = 0 Ω; f = 22 Hz to 22 kHz
-
4
-
mV
CMRR
Input common mode rejection
f = 1 kHz; VIN = 1 Vrms
-65-
dB
SVR
Supply voltage rejection
Rg = 0 Ω; Vr = 1 Vrms
-
60
-
dB
CDL
Clipping detection level
-
-
10
-
%
Tsd
Absolute thermal shutdown
junction temperature
-
-
160
-
°C
Figure 4.
Quiescent current vs. supply
voltage
Figure 5.
EIAJ power vs. supply voltage
Table 5.
Electrical characteristics (continued)
(VS = 14.4 V; RL = 4 Ω, f = 1 kHz, Tamb = 25 °C, unless otherwise specified)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com