Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7391PDUTR Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7391PDUTR
Description  32 W bridge car radio amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7391PDUTR Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7391PDUTR Datasheet HTML 1Page - STMicroelectronics TDA7391PDUTR Datasheet HTML 2Page - STMicroelectronics TDA7391PDUTR Datasheet HTML 3Page - STMicroelectronics TDA7391PDUTR Datasheet HTML 4Page - STMicroelectronics TDA7391PDUTR Datasheet HTML 5Page - STMicroelectronics TDA7391PDUTR Datasheet HTML 6Page - STMicroelectronics TDA7391PDUTR Datasheet HTML 7Page - STMicroelectronics TDA7391PDUTR Datasheet HTML 8Page - STMicroelectronics TDA7391PDUTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TDA7391PD
Electrical specifications
Doc ID 6326 Rev 4
5/12
3
Electrical specifications
3.1
Absolute maximum ratings
3.2
Thermal data
3.3
Electrical characteristics
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VS
DC supply voltage
28
V
VOP
Operating supply voltage
18
V
VPEAK
Peak supply voltage (t = 50 ms)
50
V
IO
Output peak current repetitive (f > 10 Hz)
4.5
A
Output peak current non repetitive
6
A
Ptot
Power dissipation (Tcase = 85 °C)
32
W
Tstg, Tj
Storage and junction temperature
-40 to 150
°C
Table 4.
Thermal data
Symbol
Parameter
Value
Unit
Rth j-case Thermal resistance junction-to-case
Max.
2
°C/W
Table 5.
Electrical characteristics
(VS = 14.4 V; RL = 4 Ω, f = 1 kHz, Tamb = 25 °C, unless otherwise specified)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VS
Supply voltage range
-
8
-
18
V
Iq
Total quiescent current
-
-
60
150
mA
VOS
Output offset voltage
-
-
-
120
mV
ISB
Standby current
VST-BY = 1.5 V
-
-
100
μA
ISBin
Standby input Bias current
VST-BY = 5 V
-
-
10
μA
VSBon
Standby on threshold voltage
-
-
-
1.5
V
VSBoff
Standby off threshold voltage
-
3.5
-
-
V
ATTStandby
Standby attenuation
-
-
90
-
dB
IM in
Mute input bias current
(VMUTE = 5 V)
-
-
10
μA
AM
Mute attenuation
-
-
90
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com