Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7391PDUTR Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7391PDUTR
Description  32 W bridge car radio amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7391PDUTR Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7391PDUTR Datasheet HTML 1Page - STMicroelectronics TDA7391PDUTR Datasheet HTML 2Page - STMicroelectronics TDA7391PDUTR Datasheet HTML 3Page - STMicroelectronics TDA7391PDUTR Datasheet HTML 4Page - STMicroelectronics TDA7391PDUTR Datasheet HTML 5Page - STMicroelectronics TDA7391PDUTR Datasheet HTML 6Page - STMicroelectronics TDA7391PDUTR Datasheet HTML 7Page - STMicroelectronics TDA7391PDUTR Datasheet HTML 8Page - STMicroelectronics TDA7391PDUTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Pins description
TDA7391PD
4/12
Doc ID 6326 Rev 4
2
Pins description
Figure 3.
Pins connection (top view)
Table 2.
Pins function
Pin
Function
Description
14, 15
INPUTS
The input stage is a high impedance type also capable of operation in single
ended mode with one input capacitively coupled to the signal GND. The
impedance seen by the inverting and non inverting input pins must be
matched.
5, 16
+V
S
Supply voltage.
17
CD
The TDA7391PD is equipped with a diagnostic circuitry able to detect the
clipping in the Output Signal (distortion = 10%).
The CD pin (open collector) gives out low level signal during clipping.
2, 19
OUTPUTS
The output stage is a bridge type able to drive loads as low as 3.2
Ω. It consists
of two class AB fully complementary PNP/NPN stages fully protected.
A rail to rail output voltage swing is achieved without need of bootstrap
capacitors.
No external compensation is necessary.
1, 10,
11, 20
GND
Power Ground.
12
S-GND
Signal ground.
4
STAND-BY
The device features a ST-BY function which shuts down all the internal bias
supplies when the ST-BY pin is low. In ST-BY mode the amplifier sinks a small
current (in the range of few
μA). When the ST-BY pin is high the IC becomes
fully operational.
8
SYNC
A resistor (R2) has to be connect between pin 8 and GND in order to program
the current
that flows in the C3 capacitor (pin 9). The values of C3 and R2 determine the
time required to bias the amplifier.
9MUTE
The pin will have a capacitor (C3) tied to GND to set the MUTE/STAND-BY
time.
An automatic Mute during turn on/off is provided to prevent noisy transients.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com