Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP2234AMT/NOPB Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # LMP2234AMT/NOPB
Description  LMP2234 Quad Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP2234AMT/NOPB Datasheet(HTML) 25 Page - Texas Instruments

Back Button LMP2234AMT/NOPB Datasheet HTML 21Page - Texas Instruments LMP2234AMT/NOPB Datasheet HTML 22Page - Texas Instruments LMP2234AMT/NOPB Datasheet HTML 23Page - Texas Instruments LMP2234AMT/NOPB Datasheet HTML 24Page - Texas Instruments LMP2234AMT/NOPB Datasheet HTML 25Page - Texas Instruments LMP2234AMT/NOPB Datasheet HTML 26Page - Texas Instruments LMP2234AMT/NOPB Datasheet HTML 27Page - Texas Instruments LMP2234AMT/NOPB Datasheet HTML 28Page - Texas Instruments LMP2234AMT/NOPB Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
11-Apr-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Op Temp (°C)
Top-Side Markings
(4)
Samples
LMP2234AMA/NOPB
ACTIVE
SOIC
D
14
55
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
LMP2234
AMA
LMP2234AMAE/NOPB
ACTIVE
SOIC
D
14
250
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
LMP2234
AMA
LMP2234AMAX/NOPB
ACTIVE
SOIC
D
14
2500
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
LMP2234
AMA
LMP2234AMT/NOPB
ACTIVE
TSSOP
PW
14
94
Pb-Free
(RoHS)
CU SN
Level-1-260C-UNLIM
-40 to 125
LMP223
4AMT
LMP2234AMTE/NOPB
ACTIVE
TSSOP
PW
14
250
Pb-Free
(RoHS)
CU SN
Level-1-260C-UNLIM
-40 to 125
LMP223
4AMT
LMP2234AMTX/NOPB
ACTIVE
TSSOP
PW
14
2500
Pb-Free
(RoHS)
CU SN
Level-1-260C-UNLIM
-40 to 125
LMP223
4AMT
LMP2234BMA/NOPB
ACTIVE
SOIC
D
14
55
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
LMP2234
BMA
LMP2234BMAE/NOPB
ACTIVE
SOIC
D
14
250
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
LMP2234
BMA
LMP2234BMAX/NOPB
ACTIVE
SOIC
D
14
2500
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
LMP2234
BMA
LMP2234BMT/NOPB
ACTIVE
TSSOP
PW
14
94
Pb-Free
(RoHS)
CU SN
Level-1-260C-UNLIM
-40 to 125
LMP223
4BMT
LMP2234BMTE/NOPB
ACTIVE
TSSOP
PW
14
250
Pb-Free
(RoHS)
CU SN
Level-1-260C-UNLIM
-40 to 125
LMP223
4BMT
LMP2234BMTX/NOPB
ACTIVE
TSSOP
PW
14
2500
Pb-Free
(RoHS)
CU SN
Level-1-260C-UNLIM
-40 to 125
LMP223
4BMT
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com