Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP2234AMT/NOPB Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LMP2234AMT/NOPB
Description  LMP2234 Quad Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP2234AMT/NOPB Datasheet(HTML) 15 Page - Texas Instruments

Back Button LMP2234AMT/NOPB Datasheet HTML 11Page - Texas Instruments LMP2234AMT/NOPB Datasheet HTML 12Page - Texas Instruments LMP2234AMT/NOPB Datasheet HTML 13Page - Texas Instruments LMP2234AMT/NOPB Datasheet HTML 14Page - Texas Instruments LMP2234AMT/NOPB Datasheet HTML 15Page - Texas Instruments LMP2234AMT/NOPB Datasheet HTML 16Page - Texas Instruments LMP2234AMT/NOPB Datasheet HTML 17Page - Texas Instruments LMP2234AMT/NOPB Datasheet HTML 18Page - Texas Instruments LMP2234AMT/NOPB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
100 Ps/DIV
VS = 5V
VIN = 400 mVPP
f = 1 kHz
AV = +10
RL = 10 k:
CL = 20 pF
100 Ps/DIV
VS = 5V
VIN = 50 mVPP
f = 1 kHz
AV = +10
RL = 10 k:
CL = 20 pF
100 Ps/DIV
VS = 5V
VIN = 2 VPP
f = 1 kHz
AV = +1
RL = 10 k:
CL = 20 pF
100 Ps/DIV
VS = 5V
VIN = 200 mVPP
f = 1 kHz
AV = +1
RL = 10 k:
CL = 20 pF
0.01
0.1
1
10
VOUT (VPP)
0.001
0.01
0.1
1
10
RL = 10 k:
CL = 20 pF
VS = 2.5V
VS = 2V
VS = 3.3V
VS = 5V
f = 1 kHz
1
10
100
100k
FREQUENCY (Hz)
0.001
0.1
1
10k
1k
0.0001
0.01
VS = 2.5V
VS = 2V
VS = 3.3V
VS = 5V
RL = 10 k:
CL = 20 pF
VO = VS ± 1V
LMP2234
www.ti.com
SNOSAW4D – SEPTEMBER 2007 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Unless otherwise Specified: TA = 25°C, VS = 5V, VCM = VS/2, where VS = V
+ - V−
THD+N vs. Amplitude
THD+N vs. Frequency
Figure 39.
Figure 40.
Large Signal Step Response
Small Signal Step Response
Figure 41.
Figure 42.
Large Signal Step Response
Small Signal Step Response
Figure 43.
Figure 44.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LMP2234



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com