Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP2234AMT/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LMP2234AMT/NOPB
Description  LMP2234 Quad Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP2234AMT/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LMP2234AMT/NOPB Datasheet HTML 13Page - Texas Instruments LMP2234AMT/NOPB Datasheet HTML 14Page - Texas Instruments LMP2234AMT/NOPB Datasheet HTML 15Page - Texas Instruments LMP2234AMT/NOPB Datasheet HTML 16Page - Texas Instruments LMP2234AMT/NOPB Datasheet HTML 17Page - Texas Instruments LMP2234AMT/NOPB Datasheet HTML 18Page - Texas Instruments LMP2234AMT/NOPB Datasheet HTML 19Page - Texas Instruments LMP2234AMT/NOPB Datasheet HTML 20Page - Texas Instruments LMP2234AMT/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
eni =
en +
2
ei +
2
et
2
LMP2234
www.ti.com
SNOSAW4D – SEPTEMBER 2007 – REVISED MARCH 2013
APPLICATION INFORMATION
LMP2234
The LMP2234 is a quad CMOS precision amplifier that offers low offset voltage, low offset voltage drift, and high
gain while consuming less than 10
μA of supply current per channel.
The LMP2234 is a micropower op amp, consuming only 36
μA of current. Micropower op amps extend the run
time of battery powered systems and reduce energy consumption in energy limited systems. The ensured supply
voltage range of 1.8V to 5.5V along with the ultra-low supply current extend the battery run time in two ways. The
extended power supply voltage range of 1.8V to 5.5V enables the op amp to function when the battery voltage
has depleted from its nominal value down to 1.8V. In addition, the lower power consumption increases the life of
the battery.
The LMP2234 has input referred offset voltage of only ±150
μV maximum at room temperature. This offset is
ensured to be less than ±230
μV over temperature. This minimal offset voltage along with very low TCVOS of only
0.3 µV/°C typical allows more accurate signal detection and amplification in precision applications.
The low input bias current of only ±20 fA gives the LMP2234 superiority for use in high impedance sensor
applications. Bias current of an amplifier flows through source resistance of the sensor and the voltage resulting
from this current flow appears as a noise voltage on the input of the amplifier. The low input bias current enables
the LMP2234 to interface with high impedance sensors while generating negligible voltage noise. Thus the
LMP2234 provides better signal fidelity and a higher signal-to-noise ratio when interfacing with high impedance
sensors.
Texas Instruments is heavily committed to precision amplifiers and the market segments they serve. Technical
support and extensive characterization data is available for sensitive applications or applications with a
constrained error budget.
The operating voltage range of 1.8V to 5.5V over the extensive temperature range of
−40°C to 125°C makes the
LMP2234 an excellent choice for low voltage precision applications with extensive temperature requirements.
The LMP2234 is offered in the 14-pin TSSOP and 14-pin SOIC package. These small packages are ideal
solutions for area constrained PC boards and portable electronics.
TOTAL NOISE CONTRIBUTION
The LMP2234 has very low input bias current, very low input current noise, and low input voltage noise for
micropower amplifiers. As a result, this amplifier makes a great choice for circuits with high impedance sensor
applications.
shows the typical input noise of the LMP2234 as a function of source resistance at f = 1 kHz where:
•
en denotes the input referred voltage noise
•
ei is the voltage drop across source resistance due to input referred current noise or ei = RS* in
•
et shows the thermal noise of the source resistance
•
eni shows the total noise on the input.
Where:
(1)
The input current noise of the LMP2234 is so low that it will not become the dominant factor in the total noise
unless source resistance exceeds 300 M
Ω, which is an unrealistically high value. As is evident in Figure 47, at
lower RS values, total noise is dominated by the amplifier’s input voltage noise. Once RS is larger than 100 kΩ,
then the dominant noise factor becomes the thermal noise of RS. As mentioned before, the current noise will not
be the dominant noise factor for any practical application.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LMP2234



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com