Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJLEDS3250 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PJLEDS3250
Description  RECTIFICATION FUNCTION IN FLYBACK CONVERTER FOR LED POWER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJLEDS3250 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PJLEDS3250 Datasheet HTML 1Page - Pan Jit International Inc. PJLEDS3250 Datasheet HTML 2Page - Pan Jit International Inc. PJLEDS3250 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PAGE . 1
June 20,2013
LED-REV.02
PJLEDS3250
FEATURES
• Ideal for rectification function in flyback converter for LED power.
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O.
Flame Retardant Epoxy Molding Compound.
• Low power loss, high efficiency.
• High surge capacity.
• Extremely low leakage current, suitable for high temperature ambiance.
• Lead free in comply with EU RoHS 2011/65/EU directives.
MECHANICAL DATA
• Case : Molded plastic, DO-201AD
• Terminals : Axial leads, solderable to MIL-STD-750,Method 2026
• Polarity : Color Band denotes cathode end
• Weight : 0.04 ounce, 1.142 gram
• Marking : LEDS3250
RECTIFICATION FUNCTION IN FLYBACK CONVERTER FOR LED POWER
MAXIMUM RATINGSAND ELECTRICALCHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
Resistive or inductive load, 60Hz.
NOTES:1. Reverse Recovery Test Conditions : IF=0.5A, IR=1A, Irr=0.25A
2. Measured at 1 MHz and applied reverse voltage of 4 VDC
3. Thermal resistance from junction to ambient and from junction to lead length 10mm P.C.B. mounted
VOLTAGE
250 Volts
CURRENT
3 Ampere
1
2
Cathode
Anode
PA RA ME TE R
S YMB OL
VA LUE
UNITS
Maxi mum Recurrent P eak Reverse Voltage
V
RRM
250
V
Maxi mum RMS Voltage
V
RMS
175
V
Maxi mum D C B locki ng Voltage
V
DC
250
V
Maxi mum A verage For ward C urrent
I
F(AV)
3A
P eak F orward S urge C urrent : 8.3ms si ngle half si ne-wave
superi mposed on rated load
I
FS M
125
A
Maxi mum F orward Voltage at 3A D C
V
F
0.93
V
Maxi mum DC Revers e Current at Rated DC Bloc ki ng Voltage
I
R
0.2
A
Maxi mum Reverse Recovery Ti me (Note 1)
t
rr
30
ns
Typi cal Juncti on C apaci tance (Note 2)
C
J
45
pF
Typi cal Juncti on Resi stance (Note 3)
R
JA
25
O
C / W
Operati ng and S torage Temperature Range
T
J,TSTG
-55 to +150
O
C
0.052(1.3)
0.048(1.2)
0.210(5.3)
0.188(4.8)


Similar Part No. - PJLEDS3250

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJLEDS10250CT PANJIT-PJLEDS10250CT Datasheet
143Kb / 3P
RECTIFICATION FUNCTION IN FLYBACK CONVERTER FOR LED POWER
PJLEDS2250 PANJIT-PJLEDS2250 Datasheet
141Kb / 3P
RECTIFICATION FUNCTION IN FLYBACK CONVERTER FOR LED POWER
PJLEDS5250 PANJIT-PJLEDS5250 Datasheet
73Kb / 3P
RECTIFICATION FUNCTION IN FLYBACK CONVERTER FOR LED POWER
PJLEDSR325 PANJIT-PJLEDSR325 Datasheet
76Kb / 3P
RECTIFICATION FUNCTION IN FLYBACK CONVERTER FOR LED POWER
PJLEDSX225 PANJIT-PJLEDSX225 Datasheet
77Kb / 3P
RECTIFICATION FUNCTION IN FLYBACK CONVERTER FOR LED POWER
More results

Similar Description - PJLEDS3250

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-9750 FAIRCHILD-AN-9750 Datasheet
441Kb / 13P
High-Power Factor Flyback Converter for LED Driver with
logo
Pan Jit International I...
PJLEDS2250 PANJIT-PJLEDS2250 Datasheet
141Kb / 3P
RECTIFICATION FUNCTION IN FLYBACK CONVERTER FOR LED POWER
PJLEDS5250 PANJIT-PJLEDS5250 Datasheet
73Kb / 3P
RECTIFICATION FUNCTION IN FLYBACK CONVERTER FOR LED POWER
PJLEDS10250CT PANJIT-PJLEDS10250CT Datasheet
143Kb / 3P
RECTIFICATION FUNCTION IN FLYBACK CONVERTER FOR LED POWER
PJLEDSR325 PANJIT-PJLEDSR325 Datasheet
76Kb / 3P
RECTIFICATION FUNCTION IN FLYBACK CONVERTER FOR LED POWER
PJLEDSX225 PANJIT-PJLEDSX225 Datasheet
77Kb / 3P
RECTIFICATION FUNCTION IN FLYBACK CONVERTER FOR LED POWER
logo
STMicroelectronics
EVLSRK1000-TO STMICROELECTRONICS-EVLSRK1000-TO Datasheet
198Kb / 4P
SRK1000 adaptive synchronous rectification controller for flyback converter demonstration board with STF80N10F7
19-Oct-2018
EVLSRK1000A-TO STMICROELECTRONICS-EVLSRK1000A-TO Datasheet
200Kb / 4P
SRK1000A adaptive synchronous rectification controller for flyback converter demonstration board with STF80N10F7
19-Oct-2018
SRK1000A STMICROELECTRONICS-SRK1000A Datasheet
1Mb / 27P
Adaptive synchronous rectification controller for flyback converter
16-Oct-2018
SRK1001 STMICROELECTRONICS-SRK1001 Datasheet
605Kb / 27P
Adaptive synchronous rectification controller for flyback converter
29-Nov-2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com