Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJLEDS10250CT Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PJLEDS10250CT
Description  RECTIFICATION FUNCTION IN FLYBACK CONVERTER FOR LED POWER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJLEDS10250CT Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PJLEDS10250CT Datasheet HTML 1Page - Pan Jit International Inc. PJLEDS10250CT Datasheet HTML 2Page - Pan Jit International Inc. PJLEDS10250CT Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PAGE . 1
June 19,2013
LED-REV.02
PJLEDS10250CT
FEATURES
• Ideal for rectification function in flyback converter for LED power.
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O.
Flame Retardant Epoxy Molding Compound.
• Low power loss, high efficiency.
• High surge capacity.
• Extremely low leakage current, suitable for high temperature ambiance.
• Lead free in comply with EU RoHS 2011/65/EU directives.
RECTIFICATION FUNCTION IN FLYBACK CONVERTER FOR LED POWER
NOTES :
1. Measured at 1 MHz and applied reverse voltage of 4 VDC.
2. Reverse Recovery Test Conditions: IF=0.5A, IR=1A, Irr=0.25A.
3. Mounted on infinite heatsink.
VOLTAGE
250 Volts
10 Amperes
CURRENT
MECHANICALDATA
• Case : TO-220AB Molded plastic
• Terminals : Lead solderable per MIL-STD-750, Method 2026
• Polarity : As marked.
• Weight : 0.0655 ounces, 1.859grams.
• Marking : LEDS10250CT
MAXIMUM RATINGAND ELECTRICALCHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
PA RA M E TE R
S YM B O L
VA L UE
UNITS
M a xi m um Re c ur r ent P eak Re ve r s e Vo ltage
V
RR M
250
V
Ma xi m um RM S Vo lt a g e
V
RM S
175
V
Ma xi m um D C B lo c k i ng Vo lta g e
V
DC
250
V
M a xi m um A ver ag e F o r war d C ur r e nt
per device
per diode
I
F( AV )
10
5
A
P e a k F o r war d S ur g e C ur r ent, 8 . 3m s s i ng le ha lf s i ne - wave
s uper i m pos ed on r a ted load
I
FS M
150
A
M a xi m um For war d Vo lt age at 5A , per elem ent
V
F
0. 93
V
M a xi m um D C Re ve r s e C ur r ent at Ra t ed D C B loc ki ng
Vo lt age
I
R
0. 2
A
M a xi m um Re ve r s e Re c o ve r y Ti m e ( Not e 2)
t
rr
30
ns
Typi c a l J unc ti on C a paci t anc e ( Not e 1)
C
J
62
pF
Typi c a l Ther m a l Re si s t anc e ( Not e 3)
R
JC
2
OC / W
Oper ati ng Junc t i on and S tor age Te m per at ur e Ra ng e
T
J ,T STG
- 55 to + 150
OC


Similar Part No. - PJLEDS10250CT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJLEDS2250 PANJIT-PJLEDS2250 Datasheet
141Kb / 3P
RECTIFICATION FUNCTION IN FLYBACK CONVERTER FOR LED POWER
PJLEDS3250 PANJIT-PJLEDS3250 Datasheet
136Kb / 3P
RECTIFICATION FUNCTION IN FLYBACK CONVERTER FOR LED POWER
PJLEDS5250 PANJIT-PJLEDS5250 Datasheet
73Kb / 3P
RECTIFICATION FUNCTION IN FLYBACK CONVERTER FOR LED POWER
PJLEDSR325 PANJIT-PJLEDSR325 Datasheet
76Kb / 3P
RECTIFICATION FUNCTION IN FLYBACK CONVERTER FOR LED POWER
PJLEDSX225 PANJIT-PJLEDSX225 Datasheet
77Kb / 3P
RECTIFICATION FUNCTION IN FLYBACK CONVERTER FOR LED POWER
More results

Similar Description - PJLEDS10250CT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-9750 FAIRCHILD-AN-9750 Datasheet
441Kb / 13P
High-Power Factor Flyback Converter for LED Driver with
logo
Pan Jit International I...
PJLEDS2250 PANJIT-PJLEDS2250 Datasheet
141Kb / 3P
RECTIFICATION FUNCTION IN FLYBACK CONVERTER FOR LED POWER
PJLEDS3250 PANJIT-PJLEDS3250 Datasheet
136Kb / 3P
RECTIFICATION FUNCTION IN FLYBACK CONVERTER FOR LED POWER
PJLEDS5250 PANJIT-PJLEDS5250 Datasheet
73Kb / 3P
RECTIFICATION FUNCTION IN FLYBACK CONVERTER FOR LED POWER
PJLEDSR325 PANJIT-PJLEDSR325 Datasheet
76Kb / 3P
RECTIFICATION FUNCTION IN FLYBACK CONVERTER FOR LED POWER
PJLEDSX225 PANJIT-PJLEDSX225 Datasheet
77Kb / 3P
RECTIFICATION FUNCTION IN FLYBACK CONVERTER FOR LED POWER
logo
STMicroelectronics
EVLSRK1000-TO STMICROELECTRONICS-EVLSRK1000-TO Datasheet
198Kb / 4P
SRK1000 adaptive synchronous rectification controller for flyback converter demonstration board with STF80N10F7
19-Oct-2018
EVLSRK1000A-TO STMICROELECTRONICS-EVLSRK1000A-TO Datasheet
200Kb / 4P
SRK1000A adaptive synchronous rectification controller for flyback converter demonstration board with STF80N10F7
19-Oct-2018
SRK1000A STMICROELECTRONICS-SRK1000A Datasheet
1Mb / 27P
Adaptive synchronous rectification controller for flyback converter
16-Oct-2018
SRK1001 STMICROELECTRONICS-SRK1001 Datasheet
605Kb / 27P
Adaptive synchronous rectification controller for flyback converter
29-Nov-2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com