Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8PS-16B Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # H8PS-16B
Description  This Compact Cam Positioner, Popular for Its Ease-of-use, Now Comes with Even Better Functions.
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H8PS-16B Datasheet(HTML) 1 Page - Omron Electronics LLC

  H8PS-16B Datasheet HTML 1Page - Omron Electronics LLC H8PS-16B Datasheet HTML 2Page - Omron Electronics LLC H8PS-16B Datasheet HTML 3Page - Omron Electronics LLC H8PS-16B Datasheet HTML 4Page - Omron Electronics LLC H8PS-16B Datasheet HTML 5Page - Omron Electronics LLC H8PS-16B Datasheet HTML 6Page - Omron Electronics LLC H8PS-16B Datasheet HTML 7Page - Omron Electronics LLC H8PS-16B Datasheet HTML 8Page - Omron Electronics LLC H8PS-16B Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
CSM_H8PS_DS_E_4_1
1
Cam Positioner
H8PS
This Compact Cam Positioner, Popular for Its
Ease-of-use, Now Comes with Even Better
Functions.
• Compact 8-, 16-, and 32-output Models available that are 1/4-
DIN size at 96 x 96 mm.
• High-speed operation at 1,600 r/min and high-precision settings
to 0.5
° ensure widespread application.
• Highly visible display with backlit negative transmissive LCD.
• Advance angle compensation function to compensate for output
delays.
• Bank function for multi-product production (8 banks).
(H8PS-16
@/-32@ models.)
• Speed display and pulse output.
• Approved standards: UL/CSA and EMC.
Refer to Safety Precautions for All Counters and
Safety Precautions on page 18 and 19.
Features
Models with 8, 16, or 32 Outputs
The lineup includes Models with 32 outputs in a compact 1/4-DIN
size. Using the optional Parallel Input Adapter (Y92C-30) enables
expanding to up to 64 outputs for one encoder to support anything
from a simple positioning application to a large-scale system.
Simple Programming
The programming method is designed based on a one key-one
action concept for settings that could not be simpler. Both initial
settings and factory adjustments are effort-free.
Large, Backlit Negative LCDs
Large LCDs, red for the process value and green for set values, show
a wealth of operation information, making operating status visible at
a glance.
High Speed Up To 1,600 r/min
High Precision Up To 0.5
° (at 720 Resolution)
High-speed, high-precision applications can be easily handled and
productivity increased.
Bank Function for Multi-product Production
Up to eight different programs can be registered in advance to
enable fast and easy switching between products (16/32-output
Models only).
USB Communications for Easy Setting from
a Computer
Optional Support Software can be used to enable programming from
a personal computer via USB communications. Programs can be
easily copied, saved, printed, and much more.
Speed Display and Speed Alarm Output
Both the speed (rotations/minutes) and present angular position can
be displayed at the same time. Alarm outputs can be produced for
both upper and lower speed limits.
Advance Angle Compensation Function to
Compensate for Output Delays
The advance angle compensation (ADV) function automatically
advances the ON/OFF angle of outputs in proportion to machine
(encoder) speed to compensate for the delay in timing of ON/OFF
operation. ADV values can be set individually for 7 cam outputs.
Pulse Output for Timing Control
The number of pulses per rotation and the pulse output start angle
can be set to enable operations like adjusting timing with a PLC or
outputting to a rotation meter.
8-output Models
16-output Models 32-output Models
96 mm
96 mm
CAM
STEP
12
7
RUN
CAM
STEP
12
7
RUN
Switchable
Present angular
position
Speed
Speed
Present angular
position
Speed
Upper limit
alarm output
Lower limit
alarm output
Upper limit
Lower limit
Errors
Cam program settings
100
°
8
° compensation
180
°
92
°
172
°
At high-speed (400 r/min)
Pulse output
PLC
Rotation meter


Similar Part No. - H8PS-16B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H8PS-16A OMRON-H8PS-16A Datasheet
621Kb / 8P
Low-cost Encoder with Diameter of 50 mm
10/10
H8PS-16AF OMRON-H8PS-16AF Datasheet
621Kb / 8P
Low-cost Encoder with Diameter of 50 mm
10/10
H8PS-16AFP OMRON-H8PS-16AFP Datasheet
621Kb / 8P
Low-cost Encoder with Diameter of 50 mm
10/10
H8PS-16AP OMRON-H8PS-16AP Datasheet
621Kb / 8P
Low-cost Encoder with Diameter of 50 mm
10/10
More results

Similar Description - H8PS-16B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H8PS OMRON-H8PS Datasheet
530Kb / 19P
Cam Positioner
logo
Synaptics Incorporated.
CX20702 CONEXANT-CX20702 Datasheet
633Kb / 1P
Simplified cabling for ease of use
logo
Omron Electronics LLC
E3XDA41N OMRON-E3XDA41N Datasheet
1Mb / 10P
The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
CP1W-AD041 OMRON-CP1W-AD041 Datasheet
1Mb / 9P
The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
E3X-DA11-N OMRON-E3X-DA11-N Datasheet
1Mb / 10P
The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
3F88L-RS17 OMRON-3F88L-RS17 Datasheet
465Kb / 6P
Cam Positioner
logo
Epson Company
S1R72U01 EPSON-S1R72U01 Datasheet
505Kb / 32P
Ease of use and easy connections (serial connections)
S1R72U06 EPSON-S1R72U06 Datasheet
524Kb / 32P
Ease of use and easy connections (serial connections)
logo
Linear Dimensions Semic...
DC2399 LINEAR_DIMENSIONS-DC2399 Datasheet
3Mb / 22P
the starter kit for demonstrating the performance and ease of use of the LTC짰2984
logo
Ultralife Corporation.
UKT0038 ULTRALIFE-UKT0038 Datasheet
228Kb / 1P
Operator?셲 card for ease of use
Rev: B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com