Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8PS-16B Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # H8PS-16B
Description  This Compact Cam Positioner, Popular for Its Ease-of-use, Now Comes with Even Better Functions.
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H8PS-16B Datasheet(HTML) 5 Page - Omron Electronics LLC

  H8PS-16B Datasheet HTML 1Page - Omron Electronics LLC H8PS-16B Datasheet HTML 2Page - Omron Electronics LLC H8PS-16B Datasheet HTML 3Page - Omron Electronics LLC H8PS-16B Datasheet HTML 4Page - Omron Electronics LLC H8PS-16B Datasheet HTML 5Page - Omron Electronics LLC H8PS-16B Datasheet HTML 6Page - Omron Electronics LLC H8PS-16B Datasheet HTML 7Page - Omron Electronics LLC H8PS-16B Datasheet HTML 8Page - Omron Electronics LLC H8PS-16B Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
H8PS
5
■ Functions
Item
H8PS-8
@
H8PS-16
@
H8PS-32
@
Encoder rotation direction
switching
Encoder data can be set with a DIP switch to forward (CW) or reverse (CCW) direction.
Encoder origin designation
The present display angular
position can be set to 0
° (origin) by
pressing the ORIGIN Key on the
front panel.
The present display angular position can be set to 0
° (origin) by using the
origin input terminal or the ORIGIN Key on the front panel.
Note: All banks use the same origin.
Angle display switch
Converts the Absolute Encoder value display from 256 divisions/revolution to 360
°/revolution.
Rotation display monitor
Graphically displays the Encoder rotational angular position.
Teaching function
Sets the cam output ON/OFF angle based on actual machine (Encoder) operation.
Pulse output
Outputs a preset number of pulses per Encoder rotation. It also sets the pulse output start angle.
Switching the angle and
speed displays
Displays both the present angular position and the number of Encoder revolutions (speed) in Run Mode.
Switches back and forth between the main display showing the present angular position with the sub-display
showing the speed and the main display showing the speed with the sub-display showing the present angular
position.
Bank function
---
Enables the entire cam program to be changed at one time by switching
banks (0 to 7).
The bank that is running can be switched using the bank input terminal or the
BANK Key on the front panel.
Also enables programs to be copied between banks.
Advance angle compensation
(ADV) function
Automatically advances the ON/OFF angle of cam outputs in proportion to machine (encoder) speed to
compensate for the delay in timing of ON/OFF operation. ADV values can be set individually for 7 cam outputs.
Speed alarm output
A specified cam output can be used as an Encoder speed alarm output.
The function can output upper and lower limit speed alarms.
All protection function
Disables all key and switch operations in Run Mode to prevent incorrect or unauthorized operation.
Cam protection function
Prohibits program changes at the cam output level. Any cam numbers can be protected.
Step number limit
Limits the number of steps that can be set per cam output. Prohibits incorrect operations by adding to the
program.
Output prohibit
---
The start input can be turned OFF in Run or Test Mode to prohibit cam
output.
Note: Use this function carefully for the application because no cam outputs
are provided when the start input is turned OFF.
Support Software settings
---
Programs can be uploaded or downloaded easily by connecting a personal
computer to the Cam Positioner using a USB Cable (Recommended USB
Cables: ELECOM CO.Ltd. U2C-MF20BK) and the Support Software (H8PS-
SOFT-V1, sold separately).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com