Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8PS-16B Datasheet(PDF) 21 Page - Omron Electronics LLC

Part # H8PS-16B
Description  This Compact Cam Positioner, Popular for Its Ease-of-use, Now Comes with Even Better Functions.
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H8PS-16B Datasheet(HTML) 21 Page - Omron Electronics LLC

Back Button H8PS-16B Datasheet HTML 17Page - Omron Electronics LLC H8PS-16B Datasheet HTML 18Page - Omron Electronics LLC H8PS-16B Datasheet HTML 19Page - Omron Electronics LLC H8PS-16B Datasheet HTML 20Page - Omron Electronics LLC H8PS-16B Datasheet HTML 21Page - Omron Electronics LLC H8PS-16B Datasheet HTML 22Page - Omron Electronics LLC H8PS-16B Datasheet HTML 23Page - Omron Electronics LLC H8PS-16B Datasheet HTML 24Page - Omron Electronics LLC H8PS-16B Datasheet HTML 25Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
H8PS
21
Setting Resolution and Rotation
Direction
One of three resolutions can be selected for the Encoder connected
to the H8PS: 256, 360, or 720. The resolution and display angle are
set here.
Setting the Origin
The origin of the Cam Positioner is set to match the origin of the
machine (Encoder). The same origin is used for all banks.
(The bank function is supported only for 16-/32-output models.)
Turn OFF the power supply.
Set the display angle and the
Encoder resolution.
Check the rotation direction of the machine (Encoder).
Connect the machine (Encoder) and turn ON
the power supply.
End of preparations.
Open the front cover at the lower part of the H8PS and
set pins 3 and 4 on the DIP switch.
Note: Changes to DIP switch settings are enabled when the power is turned ON.
Note: Default setting.
Turn ON the power supply.
Turn the Encoder in the actual direction of operation and
confirm that the rotation display monitor turns clockwise.
If the monitor turns counterclockwise, turn OFF the power supply
and change pin 1 on the DIP switch to CCW.
Rotation Display Monitor
(See note.)
Note 1: Default settings are shown in reverse type.
Note 2: When using an Encoder with a resolution of 256, displaying 360
°
directly is not possible. The H8PS thus provides a convenient
setting that enables converting the display and settings to 360
°
when using an Encoder with a resolution of 256. When using a
360
° display, however, some angles will not be displayed.
(See note 2.)
OFF
ON
4
3
2
1
Not used.
CCW
OFF
OFF
ON
ON
OFF
ON
OFF
720
360
360
360
360
256
256
256
ON
4
3
CW
OFF
ON
4
3
2
1
Not used.
CCW
OFF
OFF
ON
ON
OFF
ON
OFF
720
360
360
360
360
256
256
256
ON
4
3
Display
angle
Resolution
CW
Display
angle
Resolution
Example: Setting the Present Angular Position of 150° to 0°
Change the mode.
Set the programming
mode switch.
Set the machine to its origin.
Specify the origin.
End
Turn the machine (Encoder) to the position of the desired
origin (150
° in this example).
Press the ORIGIN Key. (See note.)
In approx. 1 s, the present angular position display will
change to 0
° and the previous display will return.
Set the mode switch to PRGM.
Set the programming mode switch to TCH.
Mode
Programming mode
PRG
TST
RUN
TCH
MAN
CAM
STEP
PRG
CAM
STEP
PRG
Note: With 16-/32-output models, the origin input
from the terminal block can be turned ON to
specify the origin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com