Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3JM-R4M4T Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # E3JM-R4M4T
Description  Built-in Power Supply Photoelectric Sensor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3JM-R4M4T Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button E3JM-R4M4T Datasheet HTML 4Page - Omron Electronics LLC E3JM-R4M4T Datasheet HTML 5Page - Omron Electronics LLC E3JM-R4M4T Datasheet HTML 6Page - Omron Electronics LLC E3JM-R4M4T Datasheet HTML 7Page - Omron Electronics LLC E3JM-R4M4T Datasheet HTML 8Page - Omron Electronics LLC E3JM-R4M4T Datasheet HTML 9Page - Omron Electronics LLC E3JM-R4M4T Datasheet HTML 10Page - Omron Electronics LLC E3JM-R4M4T Datasheet HTML 11Page - Omron Electronics LLC E3JM-R4M4T Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
E3JM/E3JK
Operating Range
Sensing Object Size vs. Sensing Distance
Diffuse-reflective
Diffuse-reflective
E3JK-DS30
@@
E3JK-DS30
@@
Excess Gain Ratio vs. Set Distance
Through-beam
Retro-reflective
E3JK-5
@@-N
E3JK-R2
@@ + E39-R1 (Supplied Reflector)
Diffuse-reflective
E3JK-R4
@@ + E39-R1
(Supplied Reflector)
E3JK-DS30
@@
50
40
30
20
10
0
−10
−20
−30
−40
−50
1
23
4
Distance (m)
White paper
Black carbon
SUS (Luster)
Aluminum foil
(No luster on
the back)
Sensing object: 100
× 100 mm
Y
X
5
4
3
2
1
10
0
203040
50
60
70
80
90 100 110
Side length of sensing object (mm)
White paper
Black carbon
SUS (Luster)
Aluminum foil
(No luster on
the back)
1,000
500
300
100
50
30
10
5
3
1
Distance (m)
1
02
3
4
5
6
7
8
Operating
level
100
50
30
10
5
3
1
1
02
3
4
Reflector: E39-R1
Distance (m)
Operating
level
1
02
3
4
5
100
50
30
10
5
3
1
Reflector: E39-R1
Distance (m)
Operating
level
100
0
200
300
400
500
100
50
30
10
5
3
1
Distance (mm)
Operating
level
Sensing object: 100
× 100 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com