Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3JM-R4M4T Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # E3JM-R4M4T
Description  Built-in Power Supply Photoelectric Sensor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3JM-R4M4T Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button E3JM-R4M4T Datasheet HTML 5Page - Omron Electronics LLC E3JM-R4M4T Datasheet HTML 6Page - Omron Electronics LLC E3JM-R4M4T Datasheet HTML 7Page - Omron Electronics LLC E3JM-R4M4T Datasheet HTML 8Page - Omron Electronics LLC E3JM-R4M4T Datasheet HTML 9Page - Omron Electronics LLC E3JM-R4M4T Datasheet HTML 10Page - Omron Electronics LLC E3JM-R4M4T Datasheet HTML 11Page - Omron Electronics LLC E3JM-R4M4T Datasheet HTML 12Page - Omron Electronics LLC E3JM-R4M4T Datasheet HTML 13Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
12
E3JM/E3JK
Dimensions
Sensors
*1. Models numbers for Through-beam Sensors (E3JM-10
@4(T)-N) are for sets that include both the Emitter and Receiver.
The model number of the Emitter is E3JM-10L-N for all models. The model number of the Receiver, by adding "D" (example: E3JM-10DM4-N). Refer to Ordering
Information to confirm model numbers for Emitter and Receivers.
*2. Models numbers for Through-beam Sensors (E3JK-5
@@-N) are for sets that include both the Emitter and Receiver.
The model number of the Emitter is E3JK-5L-N 2M for all models. The model number of the Receiver, by adding "D" (example: E3JK-5DM1-N 2M). Refer to Ordering
Information to confirm model numbers for Emitter and Receivers.
Accessories (Order separately)
(Unit: mm)
Tolerance class IT16 applies to dimensions in this datasheet unless otherwise specified.
E3JM-10
@4(T)-N *1
22
6.4
6
24.5
8
12.4
6 dia.
18
6
(12.4)
6
39.5
40
5
JIS
B 0202
PF1/2
Hexagonal nut
(Diagonal: 22)
Applicable cable:
6 to 8 dia.
65
Indicator *1
75
11.5
3
20
80
65
25
4.1
Lens: 14.8 dia.
15
*1. Emitter: Power indicator
Receiver: Light indicator (without timer function)
Operation indicator (with timer function)
*2. Mounting Brackets can be used on the A side.
44
9
Two, M4
×30
1.6
Steel
54.5
(A) *2
Optical axis
42
Two, M6
With Mounting Bracket Attached
Emitter: E3JM-10L-N
Receiver: E3JM-10D
@4(T)-N
Mounting Holes
Note: The operating mode switch and timer
mode switch are located inside the cover.
Note: The operating mode switch, timer mode switch, and
sensitivity adjuster (sensitivity adjuster: E3JM-
DS70
@4(T) only) are located inside the cover.
22
6.4
6
24.5
8
12.4
18
6
(12.4)
6
39.5
40
5
JIS
B 0202
PF1/2
65
75
11.5
3
20
80
65
25
4.1
15
47.5
Receiver
9
1.6
54.5
42
6 dia.
Hexagonal nut
(Diagonal: 22)
Applicable cable:
6 to 8 dia.
Indicator *1
Emitter
*1. Light indicator (without timer function)
Operation indicator (with timer function)
*2. Mounting Brackets can be used on the A side.
Two, M4
× 30
Steel
(A) *2
Two, M6
E3JM-R4
@4(T)
E3JM-DS70
@4(T)
With Mounting Bracket Attached
Mounting Holes
21
12
42
50
40
58
10
°
R56.6
40
5
36.5
21.5
13.4
28
50
18
60
49
18
7
6.4
22
40
12
6.4
*1. Mounting Brackets can be used on the A side
(M4
× 20 screws: 2 sets provided)
*2. Emitter: Power indicator
Receiver: Light indicator
*3. The Emitter has two conductors.
42
6-dia. vinyl-insulated round
cable with 5 conductors
(Conductor cross section: 0.3 mm
2,
Insulator diameter: 1.5 mm),
Standard length: 2 m *3
6 dia.
Indicator *2
Lens: 14.8 dia.
Steel
(A) *1
Optical axis
Two, M6
E3JK-5
@@-N *2
Mounting Holes
With Mounting Bracket Attached
Emitter: E3JK-5L-N
Receiver: E3JK-5D
@@-N
21
12
Sensitivity adjuster *2
42
50
40
58
10
°
R56.6
40
5
Optical
axis
40
25
Steel
13.4
28
50
Lens
Light indicator
18
60
49
18
6 dia.
7
6.4
22
40
12
6.4
Emitter
*1. Mounting Brackets can be used on the A side
(M4
× 20 screws: 2 sets provided)
*2. Sensitivity adjusters are not available on
Retro-reflective models.
(A) *1
42
Two, M6
6-dia. vinyl-insulated round
cable with 5 conductors
(Conductor cross section: 0.3 mm
2,
Insulator diameter: 1.5 mm),
Standard length: 2 m
E3JK-R2
@@
E3JK-R4
@@
E3JK-DS30
@@
With Mounting Bracket Attached
Mounting Holes
Seal-type Long Slit (For E3JM/E3JK)
Mounting Brackets
Refer to E39-L/F39-L/E39-S/E39-R for details.
E39-S39
Materials: Polyester
0.1-mm thick
14
20
26.5
1
±0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com