Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3JM-R4M4T Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E3JM-R4M4T
Description  Built-in Power Supply Photoelectric Sensor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3JM-R4M4T Datasheet(HTML) 2 Page - Omron Electronics LLC

  E3JM-R4M4T Datasheet HTML 1Page - Omron Electronics LLC E3JM-R4M4T Datasheet HTML 2Page - Omron Electronics LLC E3JM-R4M4T Datasheet HTML 3Page - Omron Electronics LLC E3JM-R4M4T Datasheet HTML 4Page - Omron Electronics LLC E3JM-R4M4T Datasheet HTML 5Page - Omron Electronics LLC E3JM-R4M4T Datasheet HTML 6Page - Omron Electronics LLC E3JM-R4M4T Datasheet HTML 7Page - Omron Electronics LLC E3JM-R4M4T Datasheet HTML 8Page - Omron Electronics LLC E3JM-R4M4T Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
E3JM/E3JK
E3JK
Note: UL-listed models have the -US suffix. Through-beam models have -US suffix instead of -N suffix. (Example: E3JM-10M4-US 2M). Tightening nuts, washers, and
rubber bushings are not provided with these models.
Change: Shape of the E3JM conduit socket
Note, however, that DC-type E3JK SSR Output Models are not UL-listed.
*1. Through-beam Sensors are normally sold in sets that include both the Emitter and Receiver.
Orders for individual Emitters and Receivers are accepted.
*2. Values in parentheses indicate the sensing distance when using E39-R2 Reflectors.
Accessories (Order Separately)
Slit (A Slit is not provided with the Sensor for through-beam. Order a Slit separately if required.) (Refer to Dimensions on page 12.)
Reflectors (A Reflector is required for Retroreflective Sensors.)
A Reflector is provided with the E39-R1 Sensor. For other Sensors, order a Reflector separately if required. (Refer to Dimensions on E39-L/F39-L/E39-S/E39-R.)
Note: 1. When using any reflector other than the provided one, use a sensing distance of approximately 0.7 times the typical value as a guide.
2. Refer to Reflectors on E39-L/F39-L/E39-S/E39-R for details.
* Values in parentheses are the minimum required distance between the Sensor and Reflector.
Sensing
method
Appearance
Connection
method
Sensing distance
Operation mode
Output
configuration
Model
Through-
beam
(Emitter +
Receiver) *1
Pre-wired
(2 m)
Light-ON
Relay
E3JK-5M1-N 2M
Emitter
E3JK-5L-N 2M
Receiver E3JK-5DM1-N 2M
Dark-ON
E3JK-5M2-N 2M
Emitter
E3JK-5L-N 2M
Receiver E3JK-5DM2-N 2M
Light-ON
Dark-ON
Both
selectable
DC SSR
E3JK-5S3-N 2M
Emitter
E3JK-5L-N 2M
Receiver E3JK-5DS3-N 2M
Retro-reflec-
tive with MSR
function
E39-R1
(provided)
*2
Light-ON
Relay
E3JK-R2M1 2M
Dark-ON
E3JK-R2M2 2M
Light-ON
Dark-ON
Both
selectable
DC SSR
E3JK-R2S3 2M
Retro-reflec-
tive without
MSR function
*2
Light-ON
Relay
E3JK-R4M1 2M
Dark-ON
E3JK-R4M2 2M
Light-ON
Dark-ON
Both
selectable
DC SSR
E3JK-R4S3 2M
Diffuse-
reflective
Light-ON
Relay
E3JK-DS30M1 2M
Dark-ON
E3JK-DS30M2 2M
Light-ON
Dark-ON
Both
selectable
DC SSR
E3JK-DS30S3 2M
Slit width
Sensing distance
Minimum detect-
able object
(typical)
Model
Quantity
Remarks
1 mm
× 20 mm
E3JM-10
@4(T)-N
1.2 m
1-mm dia.
E39-S39
1 Slit each for
the Emitter and
Receiver (2 Slits
total)
(Seal-type long slit)
Can be used with the E3JM-10
@4(T)-N
and E3JK-5
@@-N Through-beam
Models.
E3JK-5
@@-N
0.7 m
Name
Sensing distance (typical)
Model
Quantity
Remarks
Reflectors
E3JM-R4
@4(T)
4 m (rated value)
E39-R1
1
Provided with the E3JM-R4
@4(T)
Provided with the E3JK-R2
@@
Provided with the E3JK-R4
@@
E3JK-R2
@@
2.5 m (rated value)
E3JK-R4
@@
4 m (rated value)
E3JK-R2
@@
3 m
E39-R2
1
---
E3JK-R4
@@
5 m
Small Reflectors
E3JM-R4
@4(T)
3.5 m
E39-R3
1
---
E3JK-R2
@@
1 m (5 mm) *
Tape Reflectors
E3JM-R4
@4(T)
1 m (200 mm) *
E39-RS1
1
Enables MSR function.
E3JK-R2
@@
750 mm (200 mm) *
E3JM-R4
@4(T)
1.6 m (200 mm) *
E39-RS2
1
E3JK-R2
@@
1.2 m (200 mm) *
E3JM-R4
@4(T)
2 m (200 mm) *
E39-RS3
1
E3JK-R2
@@
1.5 m (200 mm) *
5 m
2.5 m
(3 m)
4 m
(5 m)
300 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com