Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3JK-R2M12M Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E3JK-R2M12M
Description  Built-in Power Supply Photoelectric Sensor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3JK-R2M12M Datasheet(HTML) 1 Page - Omron Electronics LLC

  E3JK-R2M12M Datasheet HTML 1Page - Omron Electronics LLC E3JK-R2M12M Datasheet HTML 2Page - Omron Electronics LLC E3JK-R2M12M Datasheet HTML 3Page - Omron Electronics LLC E3JK-R2M12M Datasheet HTML 4Page - Omron Electronics LLC E3JK-R2M12M Datasheet HTML 5Page - Omron Electronics LLC E3JK-R2M12M Datasheet HTML 6Page - Omron Electronics LLC E3JK-R2M12M Datasheet HTML 7Page - Omron Electronics LLC E3JK-R2M12M Datasheet HTML 8Page - Omron Electronics LLC E3JK-R2M12M Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
CSM_E3JM_E3JK_DS_E_9_1
Built-in Power Supply Photoelectric Sensor
E3JM/E3JK
Two Models Contribute to
Overall Cost Reduction
• Easy to wire and adjust.
• Slim body is economically priced and
full of functions.
E3JM Terminal Block Models
E3JK Pre-wired Models
Be sure to read Safety Precautions on
page 10.
Ordering Information
Sensors (Refer to Dimensions on page 12.)
E3JM
* Through-beam Sensors are normally sold in sets that include both the Emitter and Receiver.
Orders for individual Emitters and Receivers are accepted.
Sensing
method
Appearance
Connection
method
Sensing distance
Operation
mode
Output
configuration
Functions
Model
Through-
beam
(Emitter +
Receiver) *
Terminal
block
Light-ON
Dark-ON
(switch
selectable)
Relay
---
E3JM-10M4-N
Emitter
E3JM-10L-N
Receiver E3JM-10DM4-N
E3JM-10M4T-N
Emitter
E3JM-10L-N
Receiver E3JM-10DM4T-N
DC SSR
---
E3JM-10S4-N
Emitter
E3JM-10L-N
Receiver E3JM-10DS4-N
E3JM-10S4T-N
Emitter
E3JM-10L-N
Receiver E3JM-10DS4T-N
Retro-
reflective
with MSR
function
E39-R1 (provided)
Relay
---
E3JM-R4M4
E3JM-R4M4T
DC SSR
---
E3JM-R4S4
E3JM-R4S4T
Diffuse-
reflective
Relay
---
E3JM-DS70M4
E3JM-DS70M4T
DC SSR
---
E3JM-DS70S4
E3JM-DS70S4T
Red light
Infrared light
10 m
Timer
Timer
4 m
Timer
Timer
700 mm
Timer
Timer


Similar Part No. - E3JK-R2M12M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E3JK-R2M1 ETC-E3JK-R2M1 Datasheet
329Kb / 8P
Built-in power supply photoelectric sensor
logo
Omron Electronics LLC
E3JK-R2M1 OMRON-E3JK-R2M1 Datasheet
1Mb / 8P
All voltage photoelectric sensors
E3JK-R2M1 OMRON-E3JK-R2M1 Datasheet
920Kb / 13P
Built-in Power Supply Photoelectric Sensor
2010.10
E3JK-R2M1-2M OMRON-E3JK-R2M1-2M Datasheet
920Kb / 13P
Built-in Power Supply Photoelectric Sensor
2010.10
E3JK-R2M1-US OMRON-E3JK-R2M1-US Datasheet
1Mb / 8P
All voltage photoelectric sensors
More results

Similar Description - E3JK-R2M12M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E3JK ETC-E3JK Datasheet
329Kb / 8P
Built-in power supply photoelectric sensor
logo
Omron Electronics LLC
E3SAT16 OMRON-E3SAT16 Datasheet
940Kb / 10P
Built-in Amplifier Photoelectric Sensor (Medium Size)
E3S-2B41 OMRON-E3S-2B41 Datasheet
1Mb / 15P
Photoelectric Sensor with Built-in Amplifier
E3Z-D62 OMRON-E3Z-D62 Datasheet
486Kb / 15P
Photoelectric Sensor with Built-in Amplifier
E3Z-T66A OMRON-E3Z-T66A Datasheet
486Kb / 15P
Photoelectric Sensor with Built-in Amplifier
E39-S46 OMRON-E39-S46 Datasheet
4Mb / 21P
Built-in Amplifier Photoelectric Sensor (Medium Size)
E3S OMRON-E3S Datasheet
1Mb / 15P
Photoelectric Sensor with Built-in Amplifier
E3JK OMRON-E3JK_V01 Datasheet
920Kb / 13P
Built-in Power Supply Photoelectric Sensor
2010.10
logo
Panasonic Semiconductor
CX-400 PANASONIC-CX-400 Datasheet
7Mb / 24P
Amplifier Built-in Compact Photoelectric Sensor
2016.12
EX-10 PANASONIC-EX-10 Datasheet
2Mb / 16P
Amplifier Built-in Ultra-slim Photoelectric Sensor
Ver.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com