Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3JK-R2M12M Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # E3JK-R2M12M
Description  Built-in Power Supply Photoelectric Sensor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3JK-R2M12M Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button E3JK-R2M12M Datasheet HTML 5Page - Omron Electronics LLC E3JK-R2M12M Datasheet HTML 6Page - Omron Electronics LLC E3JK-R2M12M Datasheet HTML 7Page - Omron Electronics LLC E3JK-R2M12M Datasheet HTML 8Page - Omron Electronics LLC E3JK-R2M12M Datasheet HTML 9Page - Omron Electronics LLC E3JK-R2M12M Datasheet HTML 10Page - Omron Electronics LLC E3JK-R2M12M Datasheet HTML 11Page - Omron Electronics LLC E3JK-R2M12M Datasheet HTML 12Page - Omron Electronics LLC E3JK-R2M12M Datasheet HTML 13Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
E3JM/E3JK
● Wiring
Connecting and Wiring
• We recommend connecting a cable with a conductor cross-section
of 0.3 mm2 and an outer diameter of 6 to 8 mm.
• Be sure to firmly tighten the cover in order to maintain waterproof
and dustproof properties. The screw size of the conduit sockets is
shown in the following table.
Cable End Treatment
Recommended Crimp Terminal Dimensions
(Unit: mm)
Note: Use terminals with insulation tube (recommended crimp terminal: 1.25 to
3.5).
● Others
Terminal Protection Cover (Provided)
The terminal protection cover is designed to improve safety by
maintaining the sensitivity properties of the product and by preventing
any contact with charged sections while it is being operated with the
mode set to the timer mode. Mount the product as shown in the
following diagram (mount the Through-beam Model on the Receiver
side).
● Designing
Power Reset Time
The Sensor is ready to detect within 200 ms after it is turned ON. If
the Sensor and load are connected to separate power supplies, be
sure to turn ON the Sensor first.
● Wiring
Connecting and Wiring DC SSR Output Models
When using the DC SSR output model, the total of the load current for
the Light-ON output (NO) and that for the Dark-ON (NC) should be
100 mA max. If the total exceeds 100 mA, the load short-circuit
protection function will be activated (this function will be reset when
the power of the Photoelectric Sensor is turned OFF).
● Others
Ambient Conditions (Installation Area)
The E3JM will malfunction if installed in the following places.
• Places where the E3JM is exposed to a dusty environment.
• Places where corrosive gases are produced.
• Places where the E3JM is directly exposed to water, oil, or
chemicals.
Model
Conduit socket thread size
E3JM-
@
PF1/2
Round type
Fork type
Power
source
Tc, Ta
Tb
Approx.
45 mm
Approx.
55 mm
Tightening nut (provided)*
Washer (provided)*
Rubber bushing (provided)*
Adjust the four wires to the same length when
the Ta output is to be used only. If both the Ta
and Tb outputs are to be used, treat them as
shown in the following diagram.
Recommended example
* These parts are not provided with models with a -US suffix.
10 max.
19 max.
3.6 dia. min.
7 max.
7 max.
(After crimping)
10 max.
19 max.
3.6 dia. min.
7 max.
7 max.
(After crimping)
Terminal protection cover
E3JM
E3JK
Items Common to
E3JM and E3JK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com