Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3JK-R2M12M Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # E3JK-R2M12M
Description  Built-in Power Supply Photoelectric Sensor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3JK-R2M12M Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button E3JK-R2M12M Datasheet HTML 2Page - Omron Electronics LLC E3JK-R2M12M Datasheet HTML 3Page - Omron Electronics LLC E3JK-R2M12M Datasheet HTML 4Page - Omron Electronics LLC E3JK-R2M12M Datasheet HTML 5Page - Omron Electronics LLC E3JK-R2M12M Datasheet HTML 6Page - Omron Electronics LLC E3JK-R2M12M Datasheet HTML 7Page - Omron Electronics LLC E3JK-R2M12M Datasheet HTML 8Page - Omron Electronics LLC E3JK-R2M12M Datasheet HTML 9Page - Omron Electronics LLC E3JK-R2M12M Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
E3JM/E3JK
Engineering Data (Typical)
Parallel Operating Range
Through-beam
Through-beam
Retro-reflective
E3JM-10
@4(T)-N
E3JM-10
@4(T)-N + E39-S39 (Optional Slit)
(A Slit is mounted to the Emitter and Receiver.)
E3JM-R4
@4(T) + E39-R1
(Supplied Reflector)
Operating Range
Diffuse-reflective
E3JM-DS70
@4(T)
Excess Gain Ratio vs. Set Distance
Through-beam
Retro-reflective
E3JM-10
@4(T)-N
E3JM-R4
@4(T) + E39-R1
(Supplied Reflector)
E3JM-R4
@4(T) + E39-R3
(Optional Reflector)
600
400
200
0
−200
−400
−600
2
4
6
8
10
12
14 16
Distance X (m)
Y
X
60
40
20
0
−20
−40
−60
0.5
1
1.5
2
2.5
3
3.5
Y
X
Distance
X (m)
150
100
50
0
−50
−100
−150
12
Reflector: E39-R1
3
456
7
8
Y
X
Distance
X (m)
60
50
40
30
20
10
0
−10
−20
−30
−40
−50
−60
24
6
8
10
White paper
Black carbon
SUS (Luster)
Aluminum foil
(No luster on
the back)
Sensing object: 200
× 200 mm
Y
X
Distance
X (m)
1,000
500
100
50
10
5
1
0.5
0.1
Distance (m)
2
0
4
6
8
10
12
14
16
18
Operating
level
1,000
500
100
50
10
5
1
0.5
0.1
1
02
3
4
5
6
7
8
9
Reflector: E39-R1
Distance (m)
Operating
level
1,000
500
300
100
50
30
10
5
3
1
0.5
0.3
0.1
1
02
3
4
5
6
7
8
9
Reflector: E39-R3
Distance (m)
Operating
level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com