Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS83021I Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS83021I
Description  1-TO-1 DIFFERENTIAL- TO-LVCMOS/LVTTL TRANSLATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS83021I Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS83021I Datasheet HTML 1Page - Integrated Device Technology ICS83021I Datasheet HTML 2Page - Integrated Device Technology ICS83021I Datasheet HTML 3Page - Integrated Device Technology ICS83021I Datasheet HTML 4Page - Integrated Device Technology ICS83021I Datasheet HTML 5Page - Integrated Device Technology ICS83021I Datasheet HTML 6Page - Integrated Device Technology ICS83021I Datasheet HTML 7Page - Integrated Device Technology ICS83021I Datasheet HTML 8Page - Integrated Device Technology ICS83021I Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ICS83021I
1-TO-1 DIFFERENTIAL-TO-LVCMOS/LVTTL TRANSLATOR
IDT™ / ICS™ LVCMOS/LVTTL TRANSLATOR
2
ICS83031AMI REV. C OCTOBER 31, 2008
Table 1. Pin Descriptions
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Number
Name
Type
Description
1, 4, 6
nc
Unused
No connect.
2
CLK
Input
Pulldown
Non-inverting differential clock input.
3
nCLK
Input
Pullup
Inverting differential clock input.
5
GND
Power
Power supply ground.
7
Q0
Output
Single-ended clock output. LVCMOS/LVTTL interface levels.
8VDD
Power
Positive supply pin.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
4
pF
RPULLUP
Input Pullup Resistor
51
k
RPULLDOWN Input Pulldown Resistor
51
k
CPD
Power Dissipation Capacitance
VDD = 3.6V
23
pF
ROUT
Output Impedance
5
7
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com