Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS83021I Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ICS83021I
Description  1-TO-1 DIFFERENTIAL- TO-LVCMOS/LVTTL TRANSLATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS83021I Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ICS83021I Datasheet HTML 4Page - Integrated Device Technology ICS83021I Datasheet HTML 5Page - Integrated Device Technology ICS83021I Datasheet HTML 6Page - Integrated Device Technology ICS83021I Datasheet HTML 7Page - Integrated Device Technology ICS83021I Datasheet HTML 8Page - Integrated Device Technology ICS83021I Datasheet HTML 9Page - Integrated Device Technology ICS83021I Datasheet HTML 10Page - Integrated Device Technology ICS83021I Datasheet HTML 11Page - Integrated Device Technology ICS83021I Datasheet HTML 12Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ICS83021I
1-TO-1 DIFFERENTIAL-TO-LVCMOS/LVTTL TRANSLATOR
IDT™ / ICS™ LVCMOS/LVTTL TRANSLATOR
10
ICS83031AMI REV. C OCTOBER 31, 2008
Ordering Information
Table 7. Ordering Information
NOTE: Parts that are ordered with an "LF" suffix to the part number are the Pb-Free configuration and are RoHS compliant.
Part/Order Number
Marking
Package
Shipping Packaging
Temperature
83021AMI
83021AMI
8 Lead SOIC
Tube
-40
°C to 85°C
83021AMIT
83021AMI
8 Lead SOIC
2500 Tape & Reel
-40
°C to 85°C
83021AMILF
83021AIL
“Lead-Free” 8 Lead SOIC
Tube
-40
°C to 85°C
83021AMILFT
83021AIL
“Lead-Free” 8 Lead SOIC
2500 Tape & Reel
-40
°C to 85°C
While the information presented herein has been checked for both accuracy and reliability, Integrated Device Technology (IDT) assumes no responsibility for either its use or for
the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use
in normal commercial and industrial applications. Any other applications, such as those requiring high reliability or other extraordinary environmental requirements are not
recommended without additional processing by IDT. IDT reserves the right to change any circuitry or specifications without notice. IDT does not authorize or warrant any IDT
product for use in life support devices or critical medical instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com