Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4308 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM4308
Description  18-bit i80 CPU Display Interface, Supports up to 640 x 480 VGA Formats
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4308 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM4308 Datasheet HTML 9Page - Texas Instruments LM4308 Datasheet HTML 10Page - Texas Instruments LM4308 Datasheet HTML 11Page - Texas Instruments LM4308 Datasheet HTML 12Page - Texas Instruments LM4308 Datasheet HTML 13Page - Texas Instruments LM4308 Datasheet HTML 14Page - Texas Instruments LM4308 Datasheet HTML 15Page - Texas Instruments LM4308 Datasheet HTML 16Page - Texas Instruments LM4308 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
Read Command
Read Data
TA"
a
r
c
c
c
c
c
c
RD0
RD1
RD2
RD3
RD4
RD5
RD6
RD7
RD8
RD9
RD10
RD11
RD12
RD13
RD14
RD15
RD16
RD17
RCRC0
RCRC1
RCRC2
RCRC3
RCRC4
h
h
l
l
l
l
h
Read Data
Read Data
A
A
B
B
C
C
TA'
TA'
IDLE, Write or
READ
DC
DD
LM4308
www.ti.com
SNLS225C – AUGUST 2007 – REVISED MAY 2013
READ TRANSACTION
The READ transaction is similar to the WRITE but longer. The full serial READ transaction is shown in
Figure 10 . CRC bits protect both the READ command sent from the Master to the Slave (C[0:4] bits), and also
the Data sent back from the Slave to the Master (RC[0:4] bits). The READ transaction consists of four sections.
In the first section the Master sends a READ Command to the Slave. This command is the same as a WRITE,
but the R/W serial bit is set High and the data payload is ignored. The CRC bits are used to ensure that the
transaction is valid and prevents a false READ from being entered. The Control Input "Write Only - WO" on the
Slave must be set to WRITE & READ mode (Low) to support READ transactions.
In the second section (TA') the DD line is turned around, such that the Master becomes the DD Receiver and
Slave becomes the DD Line Driver. The Slave will drive the DD line High after a fixed number of DC cycles. This
ensures that the DD lines are a stable High state and that the High-to-Low transition of the "Start" bit is seen by
the Master.
The third section consists of the transfer of the read data from the Slave to the Master. Therefore the back
channel data signaling rate is ¼ of the forward channel (Master-to-Slave direction). When the Slave transmits
data back to the Master, it drives the DD line Low to indicate start of read data, followed by the actual read data
and CRC payload.
The fourth and final section (TA") occurs after the read data has been transferred from the Slave to the Master.
In the fourth section the DD line is again turned around, such that the Master becomes the transmitter and the
Slave becomes the receiver. The Slave drives the DD line High for 1 bit and then turns off. The DD lines are OFF
momentarily to avoid driver contention. The Master then drives the DD line High for 1 bit time and then idles the
bus until the next transaction is sent (WRITE or another READ).
Figure 10. READ Transaction
The READ transaction requires a dual cycle on the Master input to complete. Once the first READ is done
(RDCycle1) the serial link is busy until the second READ (RDCycle2) is done. The Host may do transactions to
other devices between the READs, just not to CS1* or CS2*. On the first READ, the CS1* or CS2* line is driven
low and the RD* pulses low. A fixed Data Word of all Lows is returned and should be ignored by the Host. The
requested data will be available at the Master after 480 DC cycles. The second READ should now be done to
collect the requested data. Upon the READ from the host, the Master will turn ON its 18 data drivers and output
the data to the Host and then turn them off.
When the READ is received, the Data output buffers turn off to avoid contention. After 140 DC cycles the RD*
signal switches Low. It then switches High after another 62 DC cycles and latches in the Data from the Display.
The CRC is then calculated and sent to the Master. To avoid floating the inputs to the Display, the Slave data
outputs are turned back on.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM4308



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com