Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4308 Datasheet(PDF) 21 Page - Texas Instruments

Part # LM4308
Description  18-bit i80 CPU Display Interface, Supports up to 640 x 480 VGA Formats
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4308 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM4308 Datasheet HTML 17Page - Texas Instruments LM4308 Datasheet HTML 18Page - Texas Instruments LM4308 Datasheet HTML 19Page - Texas Instruments LM4308 Datasheet HTML 20Page - Texas Instruments LM4308 Datasheet HTML 21Page - Texas Instruments LM4308 Datasheet HTML 22Page - Texas Instruments LM4308 Datasheet HTML 23Page - Texas Instruments LM4308 Datasheet HTML 24Page - Texas Instruments LM4308 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
LM4308
www.ti.com
SNLS225C – AUGUST 2007 – REVISED MAY 2013
The serial link should be started up as follows: The chipset should be powered. During power up, the PD* inputs
should be held Low and released once power is stable and within specification and link transmission is desired.
Before data can be sent across the serial link, the link must be ready for transmission. The CLK needs to be
applied to the MST, and the PLL locked. This is controlled by a keep-off counter set for 1024 CLK cycles. After
the PLL has locked and the counter expired, transmission may now occur. For a 19.2MHz application is is less
than 54µs delay. If a WRITE is done to the display during this time, it will be lost and the display may not be
properly configured. Ensure that the FIRST WRITE to the display is done AFTER the link is ready for
transmission.
It takes 14 DC Cycles to send a 18-bit CPU Write including the serial overhead. The DC cycle time is calculated
based on the PLL Multiplier setting and also the input clock frequency. For example, a 19.2 MHz input CLK and
a 8X PLLCON[1:0] setting yields a DC frequency of 153.6 MHz. Thus it takes
∼100 ns to send the word in serial
form. To allow some idle time between transmissions (this will force a bit sync per word if the gap is long enough
in between), the load rate on the Master input should not be faster than 16 DC cycles, or every 105 ns (9.6 MT/s)
in our example to support a data pipe line. This is sometimes referred to as the bus cycle time (time between
commands). Thus the time between WRITEs on the Master Input MUST NOT be faster than 105 ns, otherwise
the FIFO will overflow and data will be lost.
The Slave output WR* and RD* timing is a function of DC cycles alone. The width of the WR* pulse low is
TWELVE DC cycles regardless of the pulse width applied to the Master input. In the 19.2MHz & 8X application,
the WR* pulse low will be 78 ns. System designers need to check compatibility with the display driver to ensure
that this pulse width meets its requirement. If it is too fast, select a lower PLL Multiplier or apply a slower input
clock.
PCB LAYOUT – SERIAL SIGNALS
The LM4308 provides a swap function of SLVS DD and DC lines depending upon the state of the M/S* pin. This
facilitates a straight through via-less SLVS interface design eliminating the needs for via and crossovers as
shown on Figure 18. It is recommended to use separate logic symbols for the Master and the Slave to avoid
layout errors.
NOTE
THE PINOUT IS DIFFERENT FOR A MASTER AND SLAVE CONFIGURED DEVICE.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM4308



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com