Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4308 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM4308
Description  18-bit i80 CPU Display Interface, Supports up to 640 x 480 VGA Formats
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4308 Datasheet(HTML) 2 Page - Texas Instruments

  LM4308 Datasheet HTML 1Page - Texas Instruments LM4308 Datasheet HTML 2Page - Texas Instruments LM4308 Datasheet HTML 3Page - Texas Instruments LM4308 Datasheet HTML 4Page - Texas Instruments LM4308 Datasheet HTML 5Page - Texas Instruments LM4308 Datasheet HTML 6Page - Texas Instruments LM4308 Datasheet HTML 7Page - Texas Instruments LM4308 Datasheet HTML 8Page - Texas Instruments LM4308 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
LM4308
SNLS225C – AUGUST 2007 – REVISED MAY 2013
www.ti.com
Pin Descriptions
Description
No.
No.
Pin Name
of Pads
of Pins
I/O, Type(1)
CPU Master
CPU Slave
uArray
WQFN
(MST)
(SLV)
SLVS SERIAL BUS PINS
DDP
1
1
IO, slvs
Differential Data - Positive, Transceiver
DDN
1
1
IO, slvs
Differential Data - Negative, Transceiver
DCP
1
1
O, I, slvs
Differential Clock - Positive,
Differential Clock - Positive,
Line Driver
Receiver
DCN
1
1
O, I, slvs
Differential Clock - Negative,
Differential Clock - Clock,
Line Driver
Receiver
CONFIGURATION/PARALLEL BUS PINS
M/S*
1
1
I,
High for Master
Low for Slave
LVCMOS
TM
1
1
I,
Test Mode Control Input
LVCMOS
Tie Low
L = Normal
H = Test Mode (factory test only)
PLLCON[1:0]
2
2
I,
PLL Multiplier Input Pins
NA
LVCMOS
See Table 1
RDS[1:0]
2
2
I,
NA
Receiver Drive Strength Control Input
LVCMOS
Pins,
See Table 2
ERR
1
1
O,
Error Output Signal
Error Output Signal
LVCMOS
Indicates a CRC error on the READ
Reports a CRC error was detected on
Payload
the WRITE Payload
WO
1
1
I,
NA
WRITE Only Control Input
LVCMOS
L = Writes and reads enabled
H = Write Only
CLOCK / POWER DOWN SIGNALS
CLK
1
1
I,
CLK Input
NA
LVCMOS
Input is 3.3V Tolerant regardless of
VDDIO
PD*
1
1
I,
Power Down Input,
LVCMOS
L = Powered down, Low Power SLEEP state
H = active state
PARALLEL INTERFACE SIGNALS
D[17:0]
18
18
IO,
CPU Data Bus Inputs / Outputs
CPU Data Bus Outputs / Inputs
LVCMOS
CS1*
2
2
I, O,
Chip Select Input Pins
Chip Select Output Pins
CS2*
LVCMOS
Only one CS is allowed to be Low at a
time.
RD*
1
1
I, O,
Read Enable Input,
Read Enable Output,
LVCMOS
active Low
active Low
WR*
1
1
I, O,
Write Enable Input,
Write Enable Output,
LVCMOS
active Low
active Low
AD
1
1
I, O,
Address / Data selector input
Address / Data selector output
LVCMOS
POWER/GROUND PINS
VDDA
1
1
Power
Power Supply Pin for the PLL (MST) and SLVS Interface. 1.6V to 2.0V
VSSA
1
1
Ground
Ground Pin for the PLL (MST) and SLVS Interface.
VDD
1
1
Power
Power Supply Pin for the digital core. 1.6V to 2.0V
VSS
1
*
Ground
Ground Pin for the digital core.
VDDIO
2
2
Power
Power Supply Pin for the parallel interface I/Os. 1.6V to 3.0V
VSSIO
9
*
Ground
Ground Pin for the parallel interface I/Os.
For the WQFN Package, VSSIO and VSS
(1)
Note: I = Input, O = Output, IO = Input/Output. Do not float input pins.
2
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM4308



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com