Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS70WT Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAS70WT
Description  200mW Schottky Barrier Rectifiers 70 Volts Ultra-Small Surface Mount Package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAS70WT Datasheet(HTML) 1 Page - Micro Commercial Components

  BAS70WT Datasheet HTML 1Page - Micro Commercial Components BAS70WT Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
THRU
BAS70WT-06
200mW Schottky
70 Volts
Features
•
Low Turn-on Voltage
•
Fast Switching
•
Ultra-Small Surface Mount Package
BAS70WT
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
SOT-323
Suggested Solder
Pad Layout
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.071
.087
1.80
2.20
B
.045
.053
1.15
1.35
C
.079
.087
2.00
2.20
D
.026 Nominal
0.65Nominal
E
.047
.055
1.20
1.40
F
.012
.016
.30
.40
G
.000
.004
.000
.100
H
.035
.039
.90
1.00
J
.004
.010
.100
.250
K
.012
.016
.30
.40
A
C
B
D
E
F
G
H
J
1.90
0.70
0.90
0.65
0.65
DIMENSIONS
K
Revision:
B
20
13/01/01
BAS70WT-05
BAS70WT-06
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Units
V(BR)R
Reverse Breakdown Voltage
(IR=10uAdc)
70
---
---
V
VF
Forward Voltage
IF=1.0mAdc
IF=15mAdc
---
---
---
---
410
1000
mV
IR
Leakage Current
(VR=50Vdc)
---
---
100
nA
CD
Junction Capacitance
(VR=0, f=1.0MHz)
---
---
2.0
pF
trr
Reverse Recovery Time
(IF=10mA through IR=10mA to
IR=1.0mA)
---
---
5.0
ns
Barrier Rectifiers
TM
Micro Commercial Components
BAS70WT
BAS70WT-04
www.mccsemi.com
1 of 2
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
• Operating Temperature Range Tj: -55 to +125
• Storage Temperature Range TSTG: -65 to +150
°C
°C
•
Forward Continuous Current: 70mA @
2
5
°C
Ta=
BAS70WT-06=K76
Marking Code:
Mechanical Data
BAS70WT=K73
BAS70WT-04=K74
BAS70WT-05=K75
•
Halogen free available upon request by adding suffix "-HF"
•
Lead Free Finish/Rohs Compliant ("P"Suffix designates
RoHS Compliant. See ordering information)


Similar Part No. - BAS70WT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAS70WT MCC-BAS70WT Datasheet
186Kb / 2P
200mW Schottky Barrier Rectifiers 70 Volts
logo
Guangdong Huixin Electr...
BAS70WT HUIXIN-BAS70WT Datasheet
319Kb / 3P
Surface Mount Schottky Barrier Diode
logo
Micro Commercial Compon...
BAS70WT-04 MCC-BAS70WT-04 Datasheet
186Kb / 2P
200mW Schottky Barrier Rectifiers 70 Volts
logo
Yangzhou yangjie electr...
BAS70WT-04Q YANGJIE-BAS70WT-04Q Datasheet
977Kb / 4P
Small Signal Schottky Diode
logo
Micro Commercial Compon...
BAS70WT-05 MCC-BAS70WT-05 Datasheet
186Kb / 2P
200mW Schottky Barrier Rectifiers 70 Volts
More results

Similar Description - BAS70WT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAS70WT MCC-BAS70WT Datasheet
186Kb / 2P
200mW Schottky Barrier Rectifiers 70 Volts
BAS70WX MCC-BAS70WX Datasheet
175Kb / 2P
Surface Mount Schottky Barrier Diode 200mW
BAS85 MCC-BAS85 Datasheet
701Kb / 3P
200mW Small Signal Schottky Barrier Diodes 30 Volts
BAS86 MCC-BAS86 Datasheet
732Kb / 3P
200mW Small Signal Schottky Barrier Diodes 50 Volts
logo
Taiwan Semiconductor Co...
BAT42W TSC-BAT42W_08 Datasheet
162Kb / 2P
200mW Surface Mount Schottky Barrier Diode
logo
Shenzhen Luguang Electr...
BAS70 LUGUANG-BAS70 Datasheet
159Kb / 2P
200mW Surface Mount Schottky Barrier Diode
BAT54 LUGUANG-BAT54 Datasheet
187Kb / 2P
200mW Surface Mount Schottky Barrier Diode
logo
Taiwan Semiconductor Co...
BAT54T-G TSC-BAT54T-G Datasheet
393Kb / 4P
200mW Surface Mount Schottky Barrier Diode
logo
Micro Commercial Compon...
BAS70WT_1309 MCC-BAS70WT_1309 Datasheet
263Kb / 2P
200mW Schottky 70 Volts Barrier Rectifiers
BAS85 MCC-BAS85_12 Datasheet
396Kb / 3P
200mW Small Signal Schottky Barrier Diodes 30 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com