Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLD-AP72 Datasheet(PDF) 2 Page - Cree, Inc

Part # CLD-AP72
Description  Cree® XLamp® A19 Reference Overview
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLD-AP72 Datasheet(HTML) 2 Page - Cree, Inc

  CLD-AP72 Datasheet HTML 1Page - Cree, Inc CLD-AP72 Datasheet HTML 2Page - Cree, Inc CLD-AP72 Datasheet HTML 3Page - Cree, Inc CLD-AP72 Datasheet HTML 4Page - Cree, Inc CLD-AP72 Datasheet HTML 5Page - Cree, Inc CLD-AP72 Datasheet HTML 6Page - Cree, Inc CLD-AP72 Datasheet HTML 7Page - Cree, Inc CLD-AP72 Datasheet HTML 8Page - Cree, Inc CLD-AP72 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
XLamp a19 RefeRence Design
Copyright © 2011-2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered
trademarks of Cree, Inc. For product specifications, please see the data sheets available at www.cree.com. For warranty information, please contact Cree Sales at sales@cree.com.
is dissipated through conduction, must have a separate path and heat sink for thermal dissipation. Hence the design
constraints that come with replacement lamps.
a great deal of interest and activity has centered on the e26/a19 form factor and there are many ways to approach the
design and production of the classic a19 bulb. This application note reviews a variety of leD choices available from cree
to achieve attractive and cost effective warm white a19 bulbs or replacement lamps. This application note is different
from other cree application notes in that it reviews a spectrum of design choices rather than focusing on a particular
implementation.
while most cree reference designs or application notes use a 6-step framework, described in the “leD luminaire Design
Guide,”1 this application note is largely about the many leD options and topologies that are available when designing
a19 leD replacement lamps. as such we only visit a few of the steps in the framework.
A19 Lighting RequiRements
The most common form of a19 leD replacement lamps are often referred to as “snow cones.” This moniker comes
from the hemispheric dome that covers a circuit board of leDs that sit atop a conic heat sink, which gives the visual
impression of an ice cream cone or snow cone. The benefits of this approach come from a relatively large set of suppliers,
delivering form-factor appropriate heat sinks, device drivers and molded diffusers. as such, this style of a19 bulb has
rapidly become the dominant value-priced bulb. For many lighting applications the hemispheric distribution of luminous
flux that comes along with the snow cone approach is sufficient – a very wide-angle flood lamp. But for applications that
require a spherical or omnidirectional distribution of flux, the snow cone is not optimal.2
In order to achieve an omnidirectional flux distribution, other approaches to flux geometry must be used. Noteworthy
or innovative examples of these designs include bulbs from GE, Philips and LSG, shown below.
1
LED Luminaire Design Guide, Application Note AP15, www.cree.com/xlamp_app_notes/luminaire_design_guide. The guide
advocates a 6-step approach consisting of:
1.
Define lighting requirements
2.
Define lighting goals
3.
Estimate efficiencies of optical, thermal and electrical systems
4.
calculate the number of leDs needed
5.
consider all the design possibilities and choose the best
6.
Complete the final steps
2
The US Environmental Protection Agency defines the omnidirectional requirements in ENERGY STAR® Program Requirements
for Integral LED Lamps, www.energystar.gov/ia/partners/product_specs/program_reqs/ILL_prog_reqs.pdf. Table 4, p3, applies to
all lamps; Table 6, p9, applies to “Non-Standard” Lamps – snow cone bulbs fall into this category, and Table 7A, p10, applies to
omnidirectional lamps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com