Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLD-AP72 Datasheet(PDF) 1 Page - Cree, Inc

Part # CLD-AP72
Description  Cree® XLamp® A19 Reference Overview
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLD-AP72 Datasheet(HTML) 1 Page - Cree, Inc

  CLD-AP72 Datasheet HTML 1Page - Cree, Inc CLD-AP72 Datasheet HTML 2Page - Cree, Inc CLD-AP72 Datasheet HTML 3Page - Cree, Inc CLD-AP72 Datasheet HTML 4Page - Cree, Inc CLD-AP72 Datasheet HTML 5Page - Cree, Inc CLD-AP72 Datasheet HTML 6Page - Cree, Inc CLD-AP72 Datasheet HTML 7Page - Cree, Inc CLD-AP72 Datasheet HTML 8Page - Cree, Inc CLD-AP72 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
copyright © 2010 cree, Inc. all rights reserved. The information in this document is subject to change without notice.
cree, the cree logo and Xlamp are registered trademarks of cree, Inc.
Cree® XLamp® A19 Reference Overview
cree, Inc.
4600 Silicon Drive
Durham, Nc 27703
USa Tel: +1.919.313.5300
AppLiCAtiOn nOte
Other trademarks, product and company names are the property of their respective owners and do not imply specific product and/or vendor
endorsement, sponsorship or association.
copyright © 2011-2012 cree, Inc. all rights reserved. The information in this document is subject to change without notice. cree®, the cree
logo and Xlamp® are registered trademarks of Cree, Inc. For product specifications, please see the data sheets available at www.cree.com.
For warranty information, please contact cree Sales at sales@cree.com.
intROduCtiOn
within the past year the leD industry has begun
producing white, high power LEDs in sufficient volume
that value-priced light bulbs are now practical consumer
products. In North america many retailers now have
leD bulbs as part of their inventory of lighting products.
most leD replacement lamps or leD light bulbs pose
significant design problems in managing thermal
equilibrium. These problems were always less severe for
gas discharge and filament lamps because these lamps
are inherently convective and dissipate heat through
the same path as the light. leDs, whose thermal load
The 3 snow cones
tAbLe Of COntents
Introduction........................................................ 1
a19 lighting requirements ................................... 2
Design Goals....................................................... 6
Estimate Efficiencies ............................................ 7
Implementations and analysis..............................10
conclusions .......................................................12
Reliance on any of the information provided in this Application Note is at the user’s sole risk. Cree and its affiliates make no warranties or representations
about, nor assume any liability with respect to, the information in this document or any leD-based lamp or luminaire made in accordance with this
reference design, including without limitation that the lamps or luminaires will not infringe the intellectual property rights of cree or a third party.
luminaire manufacturers who base product designs in whole or part on any cree application Note or reference Design are solely responsible for the
compliance of their products with all applicable laws and industry requirements.


Similar Part No. - CLD-AP72

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLD-AP70 CREE-CLD-AP70 Datasheet
948Kb / 11P
Cree/NXP Task Light Reference Design
REV 0
More results

Similar Description - CLD-AP72

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
Cree® XLamp® XP-E LEDs
2008-2018
XMLAWT-00-0000-0000U2051 CREE-XMLAWT-00-0000-0000U2051 Datasheet
1Mb / 22P
Cree® XLamp® XM Family LEDs
2010-2016
logo
Cree LED
CHA0825 CREELED-CHA0825 Datasheet
1Mb / 20P
XLamp® CHA0825 LED
REV 0
CMA1303 CREELED-CMA1303 Datasheet
3Mb / 30P
XLamp® CMA1303 LED
REV 2
CMB1304 CREELED-CMB1304 Datasheet
1Mb / 31P
XLamp® CMB1304 LED
REV 0
CMB1306 CREELED-CMB1306 Datasheet
1Mb / 26P
XLamp® CMB1306 LED
REV 0
CMB1507 CREELED-CMB1507 Datasheet
1Mb / 26P
XLamp® CMB1507 LED
REV 0
CMB1818 CREELED-CMB1818 Datasheet
1Mb / 20P
XLamp® CMB1818 LED
REV 0
CXB1304 CREELED-CXB1304 Datasheet
3Mb / 34P
XLamp® CXB1304 LED
REV 9A
CXB1512 CREELED-CXB1512 Datasheet
2Mb / 27P
XLamp® CXB1512 LED
REV 9A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com