Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLD-AP72 Datasheet(PDF) 9 Page - Cree, Inc

Part # CLD-AP72
Description  Cree® XLamp® A19 Reference Overview
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLD-AP72 Datasheet(HTML) 9 Page - Cree, Inc

Back Button CLD-AP72 Datasheet HTML 4Page - Cree, Inc CLD-AP72 Datasheet HTML 5Page - Cree, Inc CLD-AP72 Datasheet HTML 6Page - Cree, Inc CLD-AP72 Datasheet HTML 7Page - Cree, Inc CLD-AP72 Datasheet HTML 8Page - Cree, Inc CLD-AP72 Datasheet HTML 9Page - Cree, Inc CLD-AP72 Datasheet HTML 10Page - Cree, Inc CLD-AP72 Datasheet HTML 11Page - Cree, Inc CLD-AP72 Datasheet HTML 12Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
XLamp a19 RefeRence Design
Copyright © 2011-2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered
trademarks of Cree, Inc. For product specifications, please see the data sheets available at www.cree.com. For warranty information, please contact Cree Sales at sales@cree.com.
figure 4: improved driver performance for the mX-6s Led
The choices change when moving to the brighter 60-w-equivalent leD lamp. very high
efficacies can be achieved with large numbers of LEDs, but it is an impractical amount of
money to be spent on leDs, and the space constraints of the bulb will not permit it. In
practice, the 800-lumen target is achieved with a few additional parts and with an increased
thermal load in the system. For this part of the exercise, we are assuming a higher junction
temperature of 85 °c. The two cost-effective leDs for this bulb are the Xp-e Hew and
the CXA2011. The PCT is again configured to illustrate numbers of LEDs, system lumens,
system power and efficacy.
Figure 4
Compare:
11
13
12
15
2
System:
450
85%
93%
Model
15
Model
1
Model
1
Flux
3
100.0
Flux
1
0.0
Flux
1
0.0
Price
-
$
2.0
55
Price
-
$
1.0
25
Price
-
$
1.0
25
1
1
1
SYS # LEDSYS lm tot SYS W SYS lm/W
0.100
4
466
8.99
51.8
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
0.110
4
500
10.06
49.7
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
0.120
4
532.8
11.14
47.8
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
0.130
4
563.2
12.22
46.1
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
0.140
4
591.2
13.33
44.4
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
0.150
3
463.2
10.81
42.8
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
0.160
3
481.8
11.65
41.4
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
0.170
3
498.6
12.45
40
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
0.180
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
0.190
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
0.200
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
Current Display Range:
LED Multiple
LED Multiple
LED Multiple
Optical Efficiency:
Electrical Efficiency:
Target Lumens :
LED 1
LED 2
LED 3
Cree XLamp MX-6S {CW/WW}
Q4 [100]
Fine
(0.1A - 0.7A)
(none)
(none)
SYS # LED
SYS lm tot
SYS W
SYS lm/W
Tsp (ºC)
Tj (ºC)
Tj (ºC)
x1
x1
x1
XLamp Xp-e heW Led
XLamp CXA2011 Led



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com