Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA381BWTR Datasheet(PDF) 65 Page - STMicroelectronics

Part # STA381BWTR
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BWTR Datasheet(HTML) 65 Page - STMicroelectronics

Back Button STA381BWTR Datasheet HTML 61Page - STMicroelectronics STA381BWTR Datasheet HTML 62Page - STMicroelectronics STA381BWTR Datasheet HTML 63Page - STMicroelectronics STA381BWTR Datasheet HTML 64Page - STMicroelectronics STA381BWTR Datasheet HTML 65Page - STMicroelectronics STA381BWTR Datasheet HTML 66Page - STMicroelectronics STA381BWTR Datasheet HTML 67Page - STMicroelectronics STA381BWTR Datasheet HTML 68Page - STMicroelectronics STA381BWTR Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 174 page
background image
DocID018835 Rev 8
65/174
STA381BW
Register description: New Map
To avoid any audio side effects (like pop noise), it is strongly recommended to soft mute any
audio streams flowing into the STA381BW data path before the desynchronization event
happens. At the same time any processing related to the I2C configuration should be issued
only after the serial audio interface and the internal PLL are synchronous again.
Note:
Any mute or volume change causes some delay in the completion of the I2C operation due
to the soft volume feature. The soft volume phase change must be finished before any clock
desynchronization.
6.14.3
Delay serial clock enable
6.14.4
Channel input mapping
Each channel received via I2S can be mapped to any internal processing channel via the
channel input mapping registers. This allows for flexibility in processing. The default settings
of these registers map each I2S input channel to its corresponding processing channel.
6.15
Configuration register C (addr 0x13)
6.15.1
FFX compensating pulse size register
Table 35. Delay serial clock enable
Bit
R/W
RST
Name
Description
5
R/W
0
DSCKE
0: No serial clock delay
1: Serial clock delay by 1 core clock cycle to tolerate
anomalies in some I2S master devices
Table 36. Channel input mapping
Bit
R/W
RST
Name
Description
6
R/W
0
C1IM
0: Processing channel 1 receives left I2S input
1: Processing channel 1 receives right I2S input
7
R/W
1
C2IM
0: Processing channel 2 receives left I2S input
1: Processing channel 2 receives right I2S input
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
Reserved
CSZ3
CSZ2
CSZ1
CSZ0
Reserved
Reserved
10010111
Table 37. FFX compensating pulse size bits
Bit
R/W
RST
Name
Description
2
R/W
1
CSZ0
When OM[1,0] = 11, this register determines the size
of the FFX compensating pulse from 0 clock ticks to
15 clock periods.
3
R/W
1
CSZ1
4
R/W
1
CSZ2
5
R/W
0
CSZ3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com