Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA381BWTR Datasheet(PDF) 33 Page - STMicroelectronics

Part # STA381BWTR
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BWTR Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STA381BWTR Datasheet HTML 29Page - STMicroelectronics STA381BWTR Datasheet HTML 30Page - STMicroelectronics STA381BWTR Datasheet HTML 31Page - STMicroelectronics STA381BWTR Datasheet HTML 32Page - STMicroelectronics STA381BWTR Datasheet HTML 33Page - STMicroelectronics STA381BWTR Datasheet HTML 34Page - STMicroelectronics STA381BWTR Datasheet HTML 35Page - STMicroelectronics STA381BWTR Datasheet HTML 36Page - STMicroelectronics STA381BWTR Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 174 page
background image
DocID018835 Rev 8
33/174
STA381BW
Device overview
The band splitter filter coefficients have a user-selectable range [-1, 1), [-2, 2) and [-4, 4).
The RAM coefficient 0x7 is responsible for these settings according to Table 9. The range
default value is [-4, 4).
Table 9. Coefficients extended-range configuration 0x74h
Please refer to Section 6.24: User-defined coefficient control registers (addr 0x27 - 0x37)
and to Table 13 for further details.
Figure 11. Band splitter with 4th order filtering
4.3.3
Level meter
The level meter block measures the input signal level (in dB). Two kinds of measures are
performed: peak and RMS. The mapper configuration and the input signal automatically
determine which measurement to take into account.
4.3.4
Mapper
The mapper block computes the appropriate attenuation value (expressed in dB) to be
applied to the signal, basing its calculations on the level meter output value, on the
compressor threshold and on the limiter threshold.The attenuation value is then passed to
the attenuator block.
CEXT_Bx[1]
CEXT_Bx[0]
Range
00
[-1;1)
01
[-2;2)
10
[-4;4)
1
1
Reserved
…
…
+=
BQ 0
BQ 0
BQ 1
BQ 1
Band Splitter
Band 1
Band 0
Input
Ch x
Output
Ch x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com