Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA381BWTR Datasheet(PDF) 23 Page - STMicroelectronics

Part # STA381BWTR
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BWTR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STA381BWTR Datasheet HTML 19Page - STMicroelectronics STA381BWTR Datasheet HTML 20Page - STMicroelectronics STA381BWTR Datasheet HTML 21Page - STMicroelectronics STA381BWTR Datasheet HTML 22Page - STMicroelectronics STA381BWTR Datasheet HTML 23Page - STMicroelectronics STA381BWTR Datasheet HTML 24Page - STMicroelectronics STA381BWTR Datasheet HTML 25Page - STMicroelectronics STA381BWTR Datasheet HTML 26Page - STMicroelectronics STA381BWTR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 174 page
background image
DocID018835 Rev 8
23/174
STA381BW
Electrical specifications
3.3
Recommended operating conditions
Table 5. Recommended operating conditions
3.4
Electrical specifications for the digital section
The specifications given in this section are valid for the operating conditions:
VDD_DIG = 3.3 V, Tamb = 25 °C.
Symbol
Parameter
Min
Typ
Max
Unit
Vcc
Power supply voltage (VCCxA, VCCxB)
4.5
26
V
VDD_DIG
Digital supply voltage
2.7
3.3
3.6
V
VDD3V3
VDD3V3CHP
Charge pump and analog path LDO supply
2.7
3.3
3.6
V
Tamb
Ambient temperature
0
70
°C
RLine
Load impedance - line driver mode
5
10
k
RHp
Load impedance - headphone driver mode
16
32
RBtl
Load impedance - power output-BTL mode
5
8
Table 6. Electrical specifications - digital section
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Iil
Low level input current without
pull-up/down device
Vi = 0 V
0.5
μA
Iih
High level input current without
pull-up/down device
Vi = VDD_DIG
= 3.3 V
0.1
μA
Vil
Low level input voltage
0.8
V
Vih
High level input voltage
2.0
V
Vol
Low level output voltage
Iol = 2 mA
0.15
V
Voh
High level output voltage
Ioh = 2 mA
VDD_DIG
-0.15
V
Rpu
Pull-up/down resistance
50
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com