Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE29F2 Datasheet(PDF) 68 Page - STMicroelectronics

Part # ST7LITE29F2
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE29F2 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button ST7LITE29F2 Datasheet HTML 64Page - STMicroelectronics ST7LITE29F2 Datasheet HTML 65Page - STMicroelectronics ST7LITE29F2 Datasheet HTML 66Page - STMicroelectronics ST7LITE29F2 Datasheet HTML 67Page - STMicroelectronics ST7LITE29F2 Datasheet HTML 68Page - STMicroelectronics ST7LITE29F2 Datasheet HTML 69Page - STMicroelectronics ST7LITE29F2 Datasheet HTML 70Page - STMicroelectronics ST7LITE29F2 Datasheet HTML 71Page - STMicroelectronics ST7LITE29F2 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 166 page
background image
I/O ports
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
68/166
Doc ID 8349 Rev 5
Figure 32. Interrupt I/O port state transitions
10.4
Unused I/O pins
Unused I/O pins must be connected to fixed voltage levels. Refer to Section 13.8: I/O port
pin characteristics.
10.5
Low power modes
10.6
Interrupts
The external interrupt event generates an interrupt if the corresponding configuration is
selected with DDR and OR registers and if the I bit in the CC register is cleared (RIM
instruction).
10.7
Device-specific I/O port configuration
The I/O port register configurations are summarized as follows:
Standard ports
01
floating/pull-up
interrupt
INPUT
00
floating
(reset state)
INPUT
10
open-drain
OUTPUT
11
push-pull
OUTPUT
XX
= DDR, OR
Table 24.
Effect of low power modes on I/O ports
Mode
Description
WAIT
No effect on I/O ports. External interrupts cause the device to exit from WAIT mode.
HALT
No effect on I/O ports. External interrupts cause the device to exit from HALT mode.
Table 25.
I/O port interrupt control/wake-up capability
Interrupt event
Event flag
Enable
control bit
Exit from
WAIT
Exit from
HALT
External interrupt on selected
external event
−
DDRx
ORx
Yes
Yes
Table 26.
Ports PA7:0, PB6:0
Mode
DDR
OR
Floating input
0
0
Pull-up input
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com