Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE29F2 Datasheet(PDF) 49 Page - STMicroelectronics

Part # ST7LITE29F2
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE29F2 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button ST7LITE29F2 Datasheet HTML 45Page - STMicroelectronics ST7LITE29F2 Datasheet HTML 46Page - STMicroelectronics ST7LITE29F2 Datasheet HTML 47Page - STMicroelectronics ST7LITE29F2 Datasheet HTML 48Page - STMicroelectronics ST7LITE29F2 Datasheet HTML 49Page - STMicroelectronics ST7LITE29F2 Datasheet HTML 50Page - STMicroelectronics ST7LITE29F2 Datasheet HTML 51Page - STMicroelectronics ST7LITE29F2 Datasheet HTML 52Page - STMicroelectronics ST7LITE29F2 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 166 page
background image
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
Interrupts
Doc ID 8349 Rev 5
49/166
External interrupt control register (EICR)
Read/Write
Reset Value: 0000 0000 (00h)
●
Bit 7:6 =
IS3[1:0] ei3 sensitivity
These bits define the interrupt sensitivity for ei3 (Port B0) according to Table 13:
Interrupt sensitivity bits.
●
Bit 5:4 =
IS2[1:0] ei2 sensitivity
These bits define the interrupt sensitivity for ei2 (Port B3) according to Table 13:
Interrupt sensitivity bits.
●
Bit 3:2 =
IS1[1:0] ei1 sensitivity
These bits define the interrupt sensitivity for ei1 (Port A7) according to Table 13:
Interrupt sensitivity bits.
●
Bit 1:0 =
IS0[1:0] ei0 sensitivity
These bits define the interrupt sensitivity for ei0 (Port A0) according to Table 13:
Interrupt sensitivity bits.
Note:
These 8 bits can be written only when the I bit in the CC register is set.
Changing the sensitivity of a particular external interrupt clears this pending interrupt. This
can be used to clear unwanted pending interrupts. Refer to Section : External interrupt
function.
7
0
IS31
IS30
IS21
IS20
IS11
IS10
IS01
IS00
Table 13.
Interrupt sensitivity bits
ISx1
ISx0
External interrupt sensitivity
0
0
Falling edge & low level
0
1
Rising edge only
1
0
Falling edge only
1
1
Rising and falling edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com