Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE29F2 Datasheet(PDF) 26 Page - STMicroelectronics

Part # ST7LITE29F2
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE29F2 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button ST7LITE29F2 Datasheet HTML 22Page - STMicroelectronics ST7LITE29F2 Datasheet HTML 23Page - STMicroelectronics ST7LITE29F2 Datasheet HTML 24Page - STMicroelectronics ST7LITE29F2 Datasheet HTML 25Page - STMicroelectronics ST7LITE29F2 Datasheet HTML 26Page - STMicroelectronics ST7LITE29F2 Datasheet HTML 27Page - STMicroelectronics ST7LITE29F2 Datasheet HTML 28Page - STMicroelectronics ST7LITE29F2 Datasheet HTML 29Page - STMicroelectronics ST7LITE29F2 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 166 page
background image
Data EEPROM
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
26/166
Doc ID 8349 Rev 5
Figure 8.
Data EEPROM Write operation
Note:
If a programming cycle is interrupted (by a reset action), the integrity of the data in memory
is not guaranteed.
5.4
Power saving modes
WAIT mode
The DATA EEPROM can enter WAIT mode on execution of the WFI instruction of the
microcontroller or when the microcontroller enters ACTIVE-HALT mode.The DATA EEPROM
will immediately enter this mode if there is no programming in progress, otherwise the DATA
EEPROM will finish the cycle and then enter WAIT mode.
ACTIVE-HALT mode
Refer to WAIT mode.
HALT mode
The DATA EEPROM immediately enters HALT mode if the microcontroller executes the
HALT instruction. Therefore the EEPROM will stop the function in progress, and data may
be corrupted.
5.5
Access error handling
If a read access occurs while E2LAT=1, then the data bus will not be driven.
If a write access occurs while E2LAT=0, then the data on the bus will not be latched.
If a programming cycle is interrupted (by a RESET action), the memory data will not be
guaranteed.
Table 4.
Row definition
 Row / Byte 
0
1
2
3
...
30
31
Physical address
0
00h...1Fh
1
20h...3Fh
...
N
Nx20h...Nx20h+1Fh
Byte 1
Byte 2
Byte 32
PHASE 1
Programming cycle
Read operation impossible
PHASE 2
Read operation possible
E2LAT bit
E2PGM bit
Writing data latches
Waiting E2PGM and E2LAT to fall
Set by USER application
Cleared by hardware



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com