Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE29F2 Datasheet(PDF) 128 Page - STMicroelectronics

Part # ST7LITE29F2
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE29F2 Datasheet(HTML) 128 Page - STMicroelectronics

Back Button ST7LITE29F2 Datasheet HTML 124Page - STMicroelectronics ST7LITE29F2 Datasheet HTML 125Page - STMicroelectronics ST7LITE29F2 Datasheet HTML 126Page - STMicroelectronics ST7LITE29F2 Datasheet HTML 127Page - STMicroelectronics ST7LITE29F2 Datasheet HTML 128Page - STMicroelectronics ST7LITE29F2 Datasheet HTML 129Page - STMicroelectronics ST7LITE29F2 Datasheet HTML 130Page - STMicroelectronics ST7LITE29F2 Datasheet HTML 131Page - STMicroelectronics ST7LITE29F2 Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 166 page
background image
Electrical characteristics
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
128/166
Doc ID 8349 Rev 5
Figure 65. Typical IDD vs. temperature at VDD = 5V and fCPU = 8MHz
13.5
Clock and timing characteristics
Subject to general operating conditions for VDD, fOSC, and TA.
Table 68.
On-chip peripherals
Symbol
Parameter
Conditions
Typ
Unit
IDD(AT)
12-bit Auto-Reload Timer supply current(1)
1.
Data based on a differential IDD measurement between reset configuration (timer stopped) and a timer
running in PWM mode at fcpu= 8MHz.
fCPU=4MHz
VDD=3.0V
300
μA
fCPU=8MHz
VDD=5.0V
1000
IDD(SPI) SPI supply current
(2)
2.
Data based on a differential IDD measurement between reset configuration and a permanent SPI master
communication (data sent equal to 55h).
fCPU=4MHz
VDD=3.0V
50
fCPU=8MHz
VDD=5.0V
300
IDD(ADC) ADC supply current when converting
(3)
3.
Data based on a differential IDD measurement between reset configuration and continuous A/D
conversions with amplifier off.
fADC=4MHz
VDD=3.0V
250
VDD=5.0V
1100
2.0
3.0
4.0
5.0
6.0
7.0
8.0
2.4
2.8
3.2
3.6
4
4.4
4.8
5.2
5.6
Vdd (V)
25°
-45°
90°
130°
Table 69.
General Timings
Symbol
Parameter(1)
1.
Guaranteed by design. Not tested in production.
Conditions
Min
Typ(2)
2.
Data based on typical application software.
Max
Unit
tc(INST) Instruction cycle time
fCPU=8MHz
23
12
t
CPU
250
375
1500
ns
tv(IT)
Interrupt reaction time(3)
tv(IT) = Δtc(INST) + 10
3.
Time measured between interrupt event and interrupt vector fetch. Dtc(INST) is the number of tCPU cycles
needed to finish the current instruction execution.
fCPU=8MHz
10
−
22
t
CPU
1.25
−
2.75
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com