Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE29F2 Datasheet(PDF) 147 Page - STMicroelectronics

Part # ST7LITE29F2
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE29F2 Datasheet(HTML) 147 Page - STMicroelectronics

Back Button ST7LITE29F2 Datasheet HTML 143Page - STMicroelectronics ST7LITE29F2 Datasheet HTML 144Page - STMicroelectronics ST7LITE29F2 Datasheet HTML 145Page - STMicroelectronics ST7LITE29F2 Datasheet HTML 146Page - STMicroelectronics ST7LITE29F2 Datasheet HTML 147Page - STMicroelectronics ST7LITE29F2 Datasheet HTML 148Page - STMicroelectronics ST7LITE29F2 Datasheet HTML 149Page - STMicroelectronics ST7LITE29F2 Datasheet HTML 150Page - STMicroelectronics ST7LITE29F2 Datasheet HTML 151Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 166 page
background image
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
Package characteristics
Doc ID 8349 Rev 5
147/166
14
Package characteristics
14.1
Package mechanical data
Figure 93. 20-Pin plastic small outline package, 300-mil width
Table 88.
Small outline package characteristics
Dim.
mm
inches
Min
Typ
Max
Min
Typ
Max
A
2.35
−
2.65
0.093
−
0.104
A1
0.10
−
0.30
0.004
−
0.012
B
0.33
−
0.51
0.013
−
0.020
C
0.23
−
0.32
0.009
−
0.013
D
12.60
−
13.00
0.496
−
0.512
E
7.40
−
7.60
0.291
−
0.299
e
−
1.27
−−
0.050
−
H
10.00
−
10.65
0.394
−
0.419
h
0.25
−
0.75
0.010
−
0.030
α
0°
−
8°
0°
−
8°
L
0.40
−
1.27
0.016
−
0.050
Number of Pins
N
20
EH
A
A1
B
e
D
c
h x 45×
L
a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com