Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8574ATS/3 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PCF8574ATS/3
Description  Remote 8-bit I/O expander for I2C-bus with interrupt
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8574ATS/3 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PCF8574ATS/3 Datasheet HTML 11Page - NXP Semiconductors PCF8574ATS/3 Datasheet HTML 12Page - NXP Semiconductors PCF8574ATS/3 Datasheet HTML 13Page - NXP Semiconductors PCF8574ATS/3 Datasheet HTML 14Page - NXP Semiconductors PCF8574ATS/3 Datasheet HTML 15Page - NXP Semiconductors PCF8574ATS/3 Datasheet HTML 16Page - NXP Semiconductors PCF8574ATS/3 Datasheet HTML 17Page - NXP Semiconductors PCF8574ATS/3 Datasheet HTML 18Page - NXP Semiconductors PCF8574ATS/3 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
PCF8574_PCF8574A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 5 — 27 May 2013
15 of 33
NXP Semiconductors
PCF8574; PCF8574A
Remote 8-bit I/O expander for I2C-bus with interrupt
11. Limiting values
12. Thermal characteristics
Table 7.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
0.5
+7
V
IDD
supply current
-
100
mA
ISS
ground supply current
-
100
mA
VI
input voltage
VSS  0.5
VDD +0.5 V
II
input current
-
20
mA
IO
output current
-
25
mA
Ptot
total power dissipation
-
400
mW
P/out
power dissipation per output
-
100
mW
Tj(max)
maximum junction temperature
-
125
C
Tstg
storage temperature
65
+150
C
Tamb
ambient temperature
operating
40
+85
C
Table 8.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from junction
to ambient
SO16 package
115
C/W
SSOP20 package
136
C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com