Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8574ATS/3 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCF8574ATS/3
Description  Remote 8-bit I/O expander for I2C-bus with interrupt
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8574ATS/3 Datasheet(HTML) 1 Page - NXP Semiconductors

  PCF8574ATS/3 Datasheet HTML 1Page - NXP Semiconductors PCF8574ATS/3 Datasheet HTML 2Page - NXP Semiconductors PCF8574ATS/3 Datasheet HTML 3Page - NXP Semiconductors PCF8574ATS/3 Datasheet HTML 4Page - NXP Semiconductors PCF8574ATS/3 Datasheet HTML 5Page - NXP Semiconductors PCF8574ATS/3 Datasheet HTML 6Page - NXP Semiconductors PCF8574ATS/3 Datasheet HTML 7Page - NXP Semiconductors PCF8574ATS/3 Datasheet HTML 8Page - NXP Semiconductors PCF8574ATS/3 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
1.
General description
The PCF8574/74A provides general-purpose remote I/O expansion via the two-wire
bidirectional I2C-bus (serial clock (SCL), serial data (SDA)).
The devices consist of eight quasi-bidirectional ports, 100 kHz I2C-bus interface, three
hardware address inputs and interrupt output operating between 2.5 V and 6 V. The
quasi-bidirectional port can be independently assigned as an input to monitor interrupt
status or keypads, or as an output to activate indicator devices such as LEDs. System
master can read from the input port or write to the output port through a single register.
The low current consumption of 2.5
A (typical, static) is great for mobile applications and
the latched output ports directly drive LEDs.
The PCF8574 and PCF8574A are identical, except for the different fixed portion of the
slave address. The three hardware address pins allow eight of each device to be on the
same I2C-bus, so there can be up to 16 of these I/O expanders PCF8574/74A together on
the same I2C-bus, supporting up to 128 I/Os (for example, 128 LEDs).
The active LOW open-drain interrupt output (INT) can be connected to the interrupt logic
of the microcontroller and is activated when any input state differs from its corresponding
input port register state. It is used to indicate to the microcontroller that an input state has
changed and the device needs to be interrogated without the microcontroller continuously
polling the input register via the I2C-bus.
The internal Power-On Reset (POR) initializes the I/Os as inputs with a weak internal
pull-up 100
A current source.
2.
Features and benefits
I2C-bus to parallel port expander
100 kHz I2C-bus interface (Standard-mode I2C-bus)
Operating supply voltage 2.5 V to 6 V with non-overvoltage tolerant I/O held to VDD
with 100
A current source
8-bit remote I/O pins that default to inputs at power-up
Latched outputs directly drive LEDs
Total package sink capability of 80 mA
Active LOW open-drain interrupt output
Eight programmable slave addresses using three address pins
Low standby current (2.5
A typical)
40 C to +85 C operation
ESD protection exceeds 2000 V HBM per JESD22-A114 and 1000 V CDM per
JESD22-C101
PCF8574; PCF8574A
Remote 8-bit I/O expander for I2C-bus with interrupt
Rev. 5 — 27 May 2013
Product data sheet


Similar Part No. - PCF8574ATS/3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8574ATS PHILIPS-PCF8574ATS Datasheet
138Kb / 24P
Remote 8-bit I/O expander for I2C-bus
2002 Nov 22
More results

Similar Description - PCF8574ATS/3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA8575 PHILIPS-PCA8575 Datasheet
179Kb / 30P
Remote 16-bit I/O expander for I2C-bus with interrupt
Rev. 01-30 November 2006
logo
Texas Instruments
PCF8574 TI-PCF8574_07 Datasheet
943Kb / 23P
REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
logo
NXP Semiconductors
PCA9674 PHILIPS-PCA9674 Datasheet
194Kb / 34P
Remote 8-bit I/O expander for Fm I2C-bus with interrupt
Rev. 02-12 October 2006
PCA9675 PHILIPS-PCA9675 Datasheet
197Kb / 34P
Remote 16-bit I/O expander for Fm I2C-bus with interrupt
Rev. 01-1 February 2007
PCA8574 NXP-PCA8574 Datasheet
159Kb / 27P
Remote 8-bit I/O expander for I2C-bus with interrupt
Rev. 02-14 May 2007
PCA8575 NXP-PCA8575 Datasheet
190Kb / 30P
Remote 16-bit I/O expander for I2C-bus with interrupt
Rev. 02-21 March 2007
PCA9674 NXP-PCA9674 Datasheet
185Kb / 32P
Remote 8-bit I/O expander for Fm I2C-bus with interrupt
Rev. 05-15 June 2009
PCA9675 NXP-PCA9675 Datasheet
207Kb / 34P
Remote 16-bit I/O expander for Fm I2C-bus with interrupt
Rev. 01-1 February 2007
logo
ON Semiconductor
PCA9655EDWR2G ONSEMI-PCA9655EDWR2G Datasheet
215Kb / 20P
Remote 16-bit I/O Expander for I2C Bus with Interrupt
May, 2012 ??Rev. 1
logo
Texas Instruments
PCF8574 TI1-PCF8574_15 Datasheet
1Mb / 36P
Remote 8-Bit I/O Expander for I2C Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com