Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8574ATS/3 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCF8574ATS/3
Description  Remote 8-bit I/O expander for I2C-bus with interrupt
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8574ATS/3 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCF8574ATS/3 Datasheet HTML 1Page - NXP Semiconductors PCF8574ATS/3 Datasheet HTML 2Page - NXP Semiconductors PCF8574ATS/3 Datasheet HTML 3Page - NXP Semiconductors PCF8574ATS/3 Datasheet HTML 4Page - NXP Semiconductors PCF8574ATS/3 Datasheet HTML 5Page - NXP Semiconductors PCF8574ATS/3 Datasheet HTML 6Page - NXP Semiconductors PCF8574ATS/3 Datasheet HTML 7Page - NXP Semiconductors PCF8574ATS/3 Datasheet HTML 8Page - NXP Semiconductors PCF8574ATS/3 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
PCF8574_PCF8574A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 5 — 27 May 2013
5 of 33
NXP Semiconductors
PCF8574; PCF8574A
Remote 8-bit I/O expander for I2C-bus with interrupt
7.
Functional description
Refer to Figure 1 “Block diagram”.
7.1 Device address
Following a START condition, the bus master must send the address of the slave it is
accessing and the operation it wants to perform (read or write). The address format of the
PCF8574/74A is shown in Figure 6. Slave address pins A2, A1 and A0 are held HIGH or
LOW to choose one of eight slave addresses. To conserve power, no internal pull-up
resistors are incorporated on A2, A1 or A0, so they must be externally held HIGH or LOW.
The address pins (A2, A1, A0) can connect to VDD or VSS directly or through resistors.
The last bit of the first byte defines the operation to be performed. When set to logic 1 a
read is selected, while a logic 0 selects a write operation (write operation is shown in
Figure 6).
7.1.1 Address maps
The PCF8574 and PCF8574A are functionally the same, but have a different fixed portion
(A6 to A3) of the slave address. This allows eight of the PCF8574 and eight of the
PCF8574A to be on the same I2C-bus without address conflict.
a. PCF8574
b. PCF8574A
Fig 6.
PCF8574 and PCF8574A slave addresses
R/W
002aad628
0
1
0
0
A2
A1
A0
hardware
selectable
slave address
0
fixed
R/W
002aad629
0
1
1
1
A2
A1
A0
hardware
selectable
slave address
0
fixed
Table 4.
PCF8574 address map
Pin connectivity
Address of PCF8574
Address byte value
7-bit
hexadecimal
address
without R/W
A2
A1
A0
A6
A5
A4
A3
A2
A1
A0 R/W
Write
Read
VSS
VSS
VSS
010
0000
-
40h
41h
20h
VSS
VSS
VDD
010
0001
-
42h
43h
21h
VSS
VDD
VSS
010
0010
-
44h
45h
22h
VSS
VDD
VDD
010
0011
-
46h
47h
23h
VDD
VSS
VSS
010
0100
-
48h
49h
24h
VDD
VSS
VDD
010
0101
-
4Ah
4Bh
25h
VDD
VDD
VSS
010
0110
-
4Ch
4Dh
26h
VDD
VDD
VDD
010
0111
-
4Eh
4Fh
27h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com